Electronic Components Datasheet Search
  English  ▼

X  

AT89LP828 Datasheet(PDF) 106 Page - ATMEL Corporation

Part # AT89LP828
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP828 Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button AT89LP828 Datasheet HTML 102Page - ATMEL Corporation AT89LP828 Datasheet HTML 103Page - ATMEL Corporation AT89LP828 Datasheet HTML 104Page - ATMEL Corporation AT89LP828 Datasheet HTML 105Page - ATMEL Corporation AT89LP828 Datasheet HTML 106Page - ATMEL Corporation AT89LP828 Datasheet HTML 107Page - ATMEL Corporation AT89LP828 Datasheet HTML 108Page - ATMEL Corporation AT89LP828 Datasheet HTML 109Page - ATMEL Corporation AT89LP828 Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 149 page
background image
106
3654A–MICRO–8/09
AT89LP428/828
19.1
Software Reset
A Software Reset of the AT89LP428/828 is accomplished by writing the software reset
sequence 5AH/A5H to the WDTRST SFR. The WDT does not need to be enabled to generate
the software reset. A normal software reset will set the SWRST flag in WDTCON. However, if at
any time an incorrect sequence is written to WDTRST (i.e. anything other than 1EH/E1H or
5AH/A5H), a software reset will immediately be generated and both the SWRST and WDTOVF
flags will be set. In this manner an intentional software reset may be distinguished from a soft-
ware error-generated reset. The program sequence to generate a software reset is as follows:
MOV WDTRST, #05Ah
MOV WDTRST, #0A5h
Table 19-2.
WDTCON – Watchdog Control Register
WDTCON Address = A7H
Reset Value = 0000 X000B
Not Bit Addressable
PS2PS1PS0
WDIDLE
–
SWRST
WDTOVF
WDTEN
Bit
7
654
321
0
Symbol
Function
PS2
PS1
PS0
Prescaler Bits for the Watchdog Timer (WDT). When all three bits are cleared to 0, the watchdog timer has a nominal
period of 16K clock cycles. When all three bits are set to 1, the nominal period is 2048K clock cycles.
WDIDLE
Disable/enable the Watchdog Timer in IDLE Mode. When WDIDLE = 0, WDT continues to count in IDLE mode. When
WDIDLE = 1, WDT freezes while the device is in IDLE mode.
SWRST
Software Reset Flag. Set when a software reset is generated by writing the sequence 5AH/A5H to WDTRST. Also set
when an incorrect sequence is written to WDTRST. Must be cleared by software.
WDTOVF
Watchdog Overflow Flag. Set when a WDT rest is generated by the WDT timer overflow. Also set when an incorrect
sequence is written to WDTRST. Must be cleared by software.
WDTEN
Watchdog Enable Flag. This bit is READ-ONLY and reflects the status of the WDT (whether it is running or not). The
WDT is disabled after any reset and must be re-enabled by writing 1EH/E1H to WDTRST
Table 19-3.
WDTRST – Watchdog Reset Register
WDTRST Address = A6H
(Write-Only)
Not Bit Addressable
–
–
–
–––
––
Bit
7
654
321
0
The WDT is enabled by writing the sequence 1EH/E1H to the WDTRST SFR. The current status may be checked by
reading the WDTEN bit in WDTCON. To prevent the WDT from resetting the device, the same sequence 1EH/E1H must
be written to WDTRST before the time-out interval expires. A software reset is generated by writing the sequence
5AH/A5H to WDTRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com