Electronic Components Datasheet Search
  English  ▼

X  

AT89LP828 Datasheet(PDF) 110 Page - ATMEL Corporation

Part # AT89LP828
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP828 Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button AT89LP828 Datasheet HTML 106Page - ATMEL Corporation AT89LP828 Datasheet HTML 107Page - ATMEL Corporation AT89LP828 Datasheet HTML 108Page - ATMEL Corporation AT89LP828 Datasheet HTML 109Page - ATMEL Corporation AT89LP828 Datasheet HTML 110Page - ATMEL Corporation AT89LP828 Datasheet HTML 111Page - ATMEL Corporation AT89LP828 Datasheet HTML 112Page - ATMEL Corporation AT89LP828 Datasheet HTML 113Page - ATMEL Corporation AT89LP828 Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 149 page
background image
110
3654A–MICRO–8/09
AT89LP428/828
Notes:1. This escaped instruction is an extension to the instruction set.
2. MOVX @DPTR instructions take 2 clock cycles when accessing ERAM and 4 clock cycles
when accessing FDATA or CODE. (3 and 5 cycles for MOVX @/DPTR).
3. The BREAK instruction acts as a 2 cycle NOP.
Branching
Bytes
Clock Cycles
Hex Code
8051
AT89LP
JC rel
2
24
3
40
JNC rel
2
24
3
50
JB bit, rel
3
24
4
20
JNB bit, rel
3
24
4
30
JBC bit, rel
3
24
4
10
JZ rel
2
24
3
60
JNZ rel
2
24
3
70
SJMP rel
2
24
3
80
ACALL addr11
2
24
3
11,31,51,71,91,
B1,D1,F1
LCALL addr16
3
24
4
12
RET
1
24
4
22
RETI
1
24
4
32
AJMP addr11
2
24
3
01,21,41,61,81,
A1,C1,E1
LJMP addr16
3
24
4
02
JMP @A+DPTR
1
24
2
73
JMP @A+PC
(1)
2–
3A5 73
CJNE A, direct, rel
3
24
4
B5
CJNE A, #data, rel
3
24
4
B4
CJNE Rn, #data, rel
3
24
4
B8 - BF
CJNE @Ri, #data, rel
3
24
4
B6 - B7
CJNE A, @R0, rel(1)
3–
4
A5 B6
CJNE A, @R1, rel
(1)
3–
4
A5 B7
DJNZ Rn, rel
2
24
3
D8 - DF
DJNZ direct, rel
3
24
4
D5
NOP
1
12
1
00
BREAK(1)(3)
2–
2A5 00
Table 20-1.
Instruction Execution Times and Exceptions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com