Electronic Components Datasheet Search
  English  ▼

X  

AT89LP828 Datasheet(PDF) 111 Page - ATMEL Corporation

Part # AT89LP828
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP828 Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button AT89LP828 Datasheet HTML 107Page - ATMEL Corporation AT89LP828 Datasheet HTML 108Page - ATMEL Corporation AT89LP828 Datasheet HTML 109Page - ATMEL Corporation AT89LP828 Datasheet HTML 110Page - ATMEL Corporation AT89LP828 Datasheet HTML 111Page - ATMEL Corporation AT89LP828 Datasheet HTML 112Page - ATMEL Corporation AT89LP828 Datasheet HTML 113Page - ATMEL Corporation AT89LP828 Datasheet HTML 114Page - ATMEL Corporation AT89LP828 Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 149 page
background image
111
3654A–MICRO–8/09
AT89LP428/828
21. Register Index
Table 21-1.
Special Function Register Cross Reference
Name
Address
Description Index
ACC
E0H
ACSRA
97H
Table 18-1 on page 102
ACSRB
9FH
Table 18-2 on page 103
AREF
AFH
Table 18-3 on page 104
BF0H
CLKREG
8FH
Table 6-2 on page 23
DPCF (AUXR1)
A2H
Table 5-4 on page 19
DPH0
83H
Section 5.1 on page 17
DPH1
85H
Section 5.1 on page 17
DPL0
82H
Section 5.1 on page 17
DPL1
83H
Section 5.1 on page 17
GPIEN
9CH
Table 15-3 on page 76
GPIF
9DH
Table 15-4 on page 76
GPLS
9BH
Table 15-2 on page 76
GPMOD
9AH
Table 15-1 on page 75
IE
A8H
Table 9-2 on page 32
IE2
B4H
Table 9-5 on page 33
IP
B8H
Table 9-3 on page 32
IP2
B5H
Table 9-6 on page 34
IPH
B7H
Table 9-4 on page 33
IP2H
B6H
Table 9-7 on page 34
MEMCON
96H
Table 3-4 on page 14
P1
90H
Table 10-3 on page 36
P1M0
C2H
Table 10-2 and Table 10-3 on page 36
P1M1
C3H
Table 10-2 and Table 10-3 on page 36
P2
A0H
Table 10-3 on page 36
P2M0
C4H
Table 10-2 and Table 10-3 on page 36
P2M1
C5H
Table 10-2 and Table 10-3 on page 36
P3
B0H
Table 10-3 on page 36
P3M0
C6H
Table 10-2 and Table 10-3 on page 36
P3M1
C7H
Table 10-2 and Table 10-3 on page 36
P4
C0H
Table 10-3 on page 36
P4M0
BEH
Table 10-2 and Table 10-3 on page 36
P4M1
BFH
Table 10-2 and Table 10-3 on page 36
PAGE
86H
Table 3-3 on page 11
PCON
87H
Table 8-1 on page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com