Electronic Components Datasheet Search
  English  ▼

X  

AT89LP828 Datasheet(PDF) 115 Page - ATMEL Corporation

Part # AT89LP828
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP828 Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button AT89LP828 Datasheet HTML 111Page - ATMEL Corporation AT89LP828 Datasheet HTML 112Page - ATMEL Corporation AT89LP828 Datasheet HTML 113Page - ATMEL Corporation AT89LP828 Datasheet HTML 114Page - ATMEL Corporation AT89LP828 Datasheet HTML 115Page - ATMEL Corporation AT89LP828 Datasheet HTML 116Page - ATMEL Corporation AT89LP828 Datasheet HTML 117Page - ATMEL Corporation AT89LP828 Datasheet HTML 118Page - ATMEL Corporation AT89LP828 Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 149 page
background image
115
3654A–MICRO–8/09
AT89LP428/828
23. Programming the Flash Memory
The Atmel AT89LP428/828 microcontroller features 4K/8K bytes of on-chip In-System Program-
mable Flash program memory and 512/1024 bytes of nonvolatile Flash data memory. In-System
Programming allows programming and reprogramming of the microcontroller positioned inside
the end system. Using a simple 4-wire SPI interface, the programmer communicates serially
with the AT89LP428/828 microcontroller, reprogramming all nonvolatile memories on the chip.
In-System Programming eliminates the need for physical removal of the chips from the system.
This will save time and money, both during development in the lab, and when updating the soft-
ware or parameters in the field. The programming interface of the AT89LP428/828 includes the
following features:
• 4-wire SPI Programming Interface
• Active-low Reset Entry into Programming
• Slave Select Allows Multiple Devices on Same Interface
•User Signature Array
•Flexible Page Programming
•Row Erase Capability
•Page Write with Auto-Erase Commands
•Programming Status Register
For more detailed information on In-System Programming, refer to the Application Note entitled
“AT89LP In-System Programming Specification”.
23.1
Physical Interface
Flash Programming utilizes the Serial Peripheral Interface (SPI) pins of an AT89LP428/828
microcontroller. The SPI is a full-duplex synchronous serial interface consisting of four wires:
Serial Clock (SCK), Master-in/Slave-out (MISO), Master-out/Slave-in (MOSI), and an active-low
Slave Select (SS). When programming an AT89LP428/828 device, the programmer always
operates as the SPI master, and the target system always operates as the SPI slave. To enter or
remain in Programming mode the device’s reset line (RST) must be held active (low). With the
addition of VCC and GND, an AT89LP428/828 microcontroller can be programmed with a mini-
mum of seven connections as shown in Figure 23-1.
Figure 23-1. In-System Programming Device Connections
AT89LP428/LP828
VCC
P3.6/RST
P1.7/SCK
P1.5/MOSI
GND
Serial Clock
Serial In
RST
P1.4/SS
P1.6/MISO
Serial Out
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com