Electronic Components Datasheet Search
  English  ▼

X  

AT89LP828 Datasheet(PDF) 119 Page - ATMEL Corporation

Part # AT89LP828
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP828 Datasheet(HTML) 119 Page - ATMEL Corporation

Back Button AT89LP828 Datasheet HTML 115Page - ATMEL Corporation AT89LP828 Datasheet HTML 116Page - ATMEL Corporation AT89LP828 Datasheet HTML 117Page - ATMEL Corporation AT89LP828 Datasheet HTML 118Page - ATMEL Corporation AT89LP828 Datasheet HTML 119Page - ATMEL Corporation AT89LP828 Datasheet HTML 120Page - ATMEL Corporation AT89LP828 Datasheet HTML 121Page - ATMEL Corporation AT89LP828 Datasheet HTML 122Page - ATMEL Corporation AT89LP828 Datasheet HTML 123Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 149 page
background image
119
3654A–MICRO–8/09
AT89LP428/828
Notes:1. Program Enable must be the first command issued after entering into programming mode.
2. Any number of Data bytes from 1 to 64 may be written/read. The internal address is incremented between each byte.
3. Each byte address selects one fuse or lock bit. Data bytes must be 00H or FFH.
4. See Table 23-6 on page 121 for Fuse definitions.
5. See Table 23-5 on page 120 for Lock Bit definitions.
6. Atmel Signature Bytes:
7. Symbol Key:
Table 23-3.
Programming Command Summary
Command
Opcode
Addr High
Addr Low
Data 0
Data n
Program Enable(1)
1010 1100
0101 0011
–
–
–
Chip Erase
1000 1010
––––
Read Status
0110 0000
xxxx xxxx
xxxx xxxx
Status Out
Load Page Buffer(2)
0101 0001
xxxx xxxx
00bb bbbb
DataIn 0 ... DataIn n
Write Code Page(2)
0101 0000
000a aaaa
aabb bbbb
DataIn 0 ... DataIn n
Write Code Page with Auto-Erase(2)
0111 0000
000a aaaa
aabb bbbb
DataIn 0 ... DataIn n
Read Code Page(2)
0011 0000
000a aaaa
aabb bbbb
DataOut 0 ... DataOut n
Write Data Page(2)
1101 0000
0000 0aaa
aabb bbbb
DataIn 0 ... DataIn n
Write Data Page with Auto-Erase(2)
1101 0010
0000 0aaa
aabb bbbb
DataIn 0 ... DataIn n
Read Data Page(2)
1011 0000
0000 0aaa
aabb bbbb
DataOut 0 ... DataOut n
Write User Fuses(2)(3)(4)
1110 0001
0000 0000
00bb bbbb
DataIn 0 ... DataIn n
Write User Fuses with Auto-Erase(2)(3)(4)
1111 0001
0000 0000
00bb bbbb
DataIn 0 ... DataIn n
Read User Fuses(2)(3)(4)
0110 0001
0000 0000
00bb bbbb
DataOut 0 ... DataOut n
Write Lock Bits(2)(3)(5)
1110 0100
0000 0000
00bb bbbb
DataIn 0 ... DataIn n
Read Lock Bits(2)(3)(5)
0110 0100
0000 0000
00bb bbbb
DataOut 0 ... DataOut n
Write User Signature Page(2)
0101 0010
0000 0000
0abb bbbb
DataIn 0 ... DataIn n
Write User Signature Page with Auto-Erase(2)
0111 0010
0000 0000
0abb bbbb
DataIn 0 ... DataIn n
Read User Signature Page(2)
0011 0010
0000 0000
0abb bbbb
DataOut 0 ... DataOut n
Read Atmel Signature Page(2)(6)
0011 1000
0000 0000
00bb bbbb
DataOut 0 ... DataOut n
Address:
0000H
0001H
0002H
AT89LP428:
1EH
40H
FFH
AT89LP828:
1EH
42H
FFH
a:Page Address Bit
b:
Byte Address Bit
x:
Don’t Care Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com