Electronic Components Datasheet Search
  English  ▼

X  

AT89LP828 Datasheet(PDF) 120 Page - ATMEL Corporation

Part # AT89LP828
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP828 Datasheet(HTML) 120 Page - ATMEL Corporation

Back Button AT89LP828 Datasheet HTML 116Page - ATMEL Corporation AT89LP828 Datasheet HTML 117Page - ATMEL Corporation AT89LP828 Datasheet HTML 118Page - ATMEL Corporation AT89LP828 Datasheet HTML 119Page - ATMEL Corporation AT89LP828 Datasheet HTML 120Page - ATMEL Corporation AT89LP828 Datasheet HTML 121Page - ATMEL Corporation AT89LP828 Datasheet HTML 122Page - ATMEL Corporation AT89LP828 Datasheet HTML 123Page - ATMEL Corporation AT89LP828 Datasheet HTML 124Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 149 page
background image
120
3654A–MICRO–8/09
AT89LP428/828
23.4
Status Register
The current state of the memory may be accessed by reading the status register. The status reg-
ister is shown in Table 23-4.
23.5
DATA Polling
The AT89LP428/828 implements DATA polling to indicate the end of a programming cycle.
While the device is busy, any attempted read of the last byte written will return the data byte with
the MSB complemented. Once the programming cycle has completed, the true value will be
accessible. During Erase the data is assumed to be FFH and DATA polling will return 7FH.
When writing multiple bytes in a page, the DATA value will be the last data byte loaded before
programming begins, not the written byte with the highest physical address within the page.
23.6
Flash Security
The AT89LP428/828 provides two Lock Bits for Flash Code Memory security. Lock bits can be
left unprogrammed (FFH) or programmed (00H) to obtain the protection levels listed in Table 23-
5. Lock bits can only be erased (set to FFH) by Chip Erase. Lock bit mode 2 disables program-
ming of all memory spaces, including the User Signature Array and User Configuration Fuses.
User fuses must be programmed before enabling Lock bit mode 2 or 3. Lock bit mode 3 imple-
ments mode 2 and also blocks reads from the code memory; however, reads of the User
Signature Array, Atmel Signature Array, and User Configuration Fuses are still allowed.
Table 23-4.
Status
Register
––
––
LOAD
SUCCESS
WRTINH
BUSY
Bit
7
65
43
2
1
0
Symbol
Function
LOAD
Load Flag. Cleared low by the load page buffer command and set high by the next
memory write. This flag signals that the page buffer was previously loaded with data by
the load page buffer command.
SUCCESS
Success Flag. Cleared low at the start of a programming cycle and will only be set high if
the programming cycle completes without interruption from the brownout detector (BOD).
WRTINH
Write Inhibit Flag. Cleared low by the BOD whenever programming is inhibited due to VCC
falling below the minimum required programming voltage. If a BOD episode occurs during
programming, the SUCCESS flag will remain low after the cycle is complete. WRTINH low
also forces BUSY low.
BUSY
Busy Flag. Cleared low whenever the memory is busy programming or if write is currently
inhibited.
Table 23-5.
Lock Bit Protection Modes
Program Lock Bits (by address)
Mode
00H
01H
Protection Mode
1
FFH
FFH
No program lock features
200H
FFH
Further programming of the Flash is disabled
3
00H
00H
Further programming of the Flash is disabled and verify (read)
is also disabled; OCD is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com