Electronic Components Datasheet Search
  English  ▼

X  

AT32AP7002 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT32AP7002
Description  AVR32 32-bit Microcontroller
PDF  896 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT32AP7002 Datasheet HTML 9Page - ATMEL Corporation AT32AP7002 Datasheet HTML 10Page - ATMEL Corporation AT32AP7002 Datasheet HTML 11Page - ATMEL Corporation AT32AP7002 Datasheet HTML 12Page - ATMEL Corporation AT32AP7002 Datasheet HTML 13Page - ATMEL Corporation AT32AP7002 Datasheet HTML 14Page - ATMEL Corporation AT32AP7002 Datasheet HTML 15Page - ATMEL Corporation AT32AP7002 Datasheet HTML 16Page - ATMEL Corporation AT32AP7002 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 896 page
background image
13
32054F–AVR32–09/09
AT32AP7002
4.0.1
AVR32AP CPU
• 32-bit load/store AVR32B RISC architecture.
– Up to 15 general-purpose 32-bit registers.
– 32-bit Stack Pointer, Program Counter and Link Register reside in register file.
– Fully orthogonal instruction set.
– Privileged and unprivileged modes enabling efficient and secure Operating Systems.
– Innovative instruction set together with variable instruction length ensuring industry leading
code density.
– DSP extention with saturating arithmetic, and a wide variety of multiply instructions.
– SIMD extention for media applications.
• 7 stage pipeline allows one instruction per clock cycle for most instructions.
– Java Hardware Acceleration.
– Byte, half-word, word and double word memory access.
– Unaligned memory access.
– Shadowed interrupt context for INT3 and multiple interrupt priority levels.
– Dynamic branch prediction and return address stack for fast change-of-flow.
– Coprocessor interface.
• Full MMU allows for operating systems with memory protection.
• 16Kbyte Instruction and 16Kbyte data caches.
– Virtually indexed, physically tagged.
– 4-way associative.
– Write-through or write-back.
• Nexus Class 3 On-Chip Debug system.
– Low-cost NanoTrace supported.
4.0.2
Pixel Coprocessor (PICO)
• Coprocessor coupled to the AVR32 CPU Core through the TCB Bus.
– Coprocessor number one on the TCB bus.
• Three parallel Vector Multiplication Units (VMU) where each unit can:
– Multiply three pixel components with three coefficients.
– Add the products from the multiplications together.
– Accumulate the result or add an offset to the sum of the products.
• Can be used for accelerating:
– Image Color Space Conversion.
•Configurable Conversion Coefficients.
• Supports packed and planar input and output formats.
• Supports subsampled input color spaces (i.e 4:2:2, 4:2:0).
– Image filtering/scaling.
• Configurable Filter Coefficients.
• Throughput of one sample per cycle for a 9-tap FIR filter.
• Can use the built-in accumulator to extend the FIR filter to more than 9-taps.
• Can be used for bilinear/bicubic interpolations.
– MPEG-4/H.264 Quarter Pixel Motion Compensation.
• Flexible input Pixel Selector.
– Can operate on numerous different image storage formats.
• Flexible Output Pixel Inserter.
– Scales and saturates the results back to 8-bit pixel values.
– Supports packed and planar output formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com