Electronic Components Datasheet Search
  English  ▼

X  

AT32AP7002 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT32AP7002
Description  AVR32 32-bit Microcontroller
PDF  896 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT32AP7002 Datasheet HTML 45Page - ATMEL Corporation AT32AP7002 Datasheet HTML 46Page - ATMEL Corporation AT32AP7002 Datasheet HTML 47Page - ATMEL Corporation AT32AP7002 Datasheet HTML 48Page - ATMEL Corporation AT32AP7002 Datasheet HTML 49Page - ATMEL Corporation AT32AP7002 Datasheet HTML 50Page - ATMEL Corporation AT32AP7002 Datasheet HTML 51Page - ATMEL Corporation AT32AP7002 Datasheet HTML 52Page - ATMEL Corporation AT32AP7002 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 896 page
background image
49
32054F–AVR32–09/09
AT32AP7002
different Input Selection Modes. See Section 7.5 ”Input Pixel Selector” on page 28 for a description of the Input Pixel
Selector.
• OFFSET_FRAC_BITS: Offset Fractional Bits
Specifies the number of fractional bits in the fixed-point offsets input to each VMU. Must be in the range from 0 to
COEFF_FRAC_BITS. Other values gives undefined results.This value is used for scaling the OFFSETn values before
being input to VMUn so that the offset will have the same fixed-point format as the outputs from the multiplication stages
before performing the vector addition in the VMU.
• COEFF_FRAC_BITS: Coefficient Fractional Bits
Specifies the number of fractional bits in the fixed-point coefficients input to each VMU. Must be in the range from 0 to 11,
since at least one bit of the coefficient must be used for the sign. Other values gives undefined results.
COEFF_FRAC_BITS is used in the Output Pixel Inserter to scale the fixed-point results from the VMUs back to unsigned 8-
bit integers.
Table 7-3.
Input Selection Modes
ISM
Mode
0
0
Transformation Mode
VMU0, VMU1 and VMU2 get the same pixel inputs. These three pixels can be
freely selected from the INPIXn registers.
0
1
Horizontal Filter Mode
Pixel triplets are selected for input to each of the VMUs by addressing
horizontal pixel triplets from the INPIXn registers.
1
0
Vertical Filter Mode
Pixel triplets are selected for input to each of the VMUs by addressing vertical
pixel triplets from the INPIXn registers.
1
1
Reserved
N.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com