Electronic Components Datasheet Search
  English  ▼

X  

AT32AP7002 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT32AP7002
Description  AVR32 32-bit Microcontroller
PDF  896 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT32AP7002 Datasheet HTML 35Page - ATMEL Corporation AT32AP7002 Datasheet HTML 36Page - ATMEL Corporation AT32AP7002 Datasheet HTML 37Page - ATMEL Corporation AT32AP7002 Datasheet HTML 38Page - ATMEL Corporation AT32AP7002 Datasheet HTML 39Page - ATMEL Corporation AT32AP7002 Datasheet HTML 40Page - ATMEL Corporation AT32AP7002 Datasheet HTML 41Page - ATMEL Corporation AT32AP7002 Datasheet HTML 42Page - ATMEL Corporation AT32AP7002 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 896 page
background image
39
32054F–AVR32–09/09
AT32AP7002
7.7.1.7
Coefficient Register A for VMU0
Register Name: COEFF0_A
Access Type: Read/Write
• COEFF0_0: Coefficient 0 for VMU0
Coefficient 0 input to VMU0. A signed 12-bit fixed-point number where the number of fractional bits is given by the
COEFF_FRAC_BITS field in the CONFIG register. The actual fractional number is equal to
,
where the COEFF0_0 value is interpreted as a 2’s complement integer. When reading this register, COEFF0_0 is sign-
extended to 16-bits in order to fill in the unused bits in the upper halfword of this register.
• COEFF0_1: Coefficient 1 for VMU0
Coefficient 1 input to VMU0. A signed 12-bit fixed-point number where the number of fractional bits is given by the
COEFF_FRAC_BITS field in the CONFIG register. The actual fractional number is equal to
,
where the COEFF0_1 value is interpreted as a 2’s complement integer. When reading this register, COEFF0_1 is sign-
extended to 16-bits in order to fill in the unused bits in the lower halfword of this register.
31
30
29
28
27
26
25
24
----
COEFF0_0
23
22
21
20
19
18
17
16
COEFF0_0
15
14
13
12
11
10
9
8
----
COEFF0_1
76543210
COEFF0_1
COEFF0_0 2
COEFF_FRAC_BITS
⁄
COEFF0_1 2
COEFF_FRAC_BITS
⁄



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com