Electronic Components Datasheet Search
  English  ▼

X  

AT32AP7002 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT32AP7002
Description  AVR32 32-bit Microcontroller
PDF  896 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT32AP7002 Datasheet HTML 1Page - ATMEL Corporation AT32AP7002 Datasheet HTML 2Page - ATMEL Corporation AT32AP7002 Datasheet HTML 3Page - ATMEL Corporation AT32AP7002 Datasheet HTML 4Page - ATMEL Corporation AT32AP7002 Datasheet HTML 5Page - ATMEL Corporation AT32AP7002 Datasheet HTML 6Page - ATMEL Corporation AT32AP7002 Datasheet HTML 7Page - ATMEL Corporation AT32AP7002 Datasheet HTML 8Page - ATMEL Corporation AT32AP7002 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 896 page
background image
2
32054F–AVR32–09/09
AT32AP7002
1.
Part Description
The AT32AP7002 is a complete System-on-chip application processor with an AVR32 RISC
processor achieving 210 DMIPS running 150 MHz. AVR32 is a high-performance 32-bit RISC
microprocessor core, designed for cost-sensitive embedded applications, with particular empha-
sis on low power consumption, high code density and high application performance.
AT32AP7002 implements a Memory Management Unit (MMU) and a flexible interrupt controller
supporting modern operating systems and real-time operating systems. The processor also
includes a rich set of DSP and SIMD instructions, specially designed for multimedia and telecom
applications.
AT32AP7002 incorporates SRAM memories on-chip for fast and secure access. For applica-
tions requiring additional memory, external 16-bit SRAM is accessible. Additionally, an SDRAM
controller provides off-chip volatile memory access as well as controllers for all industry standard
off-chip non-volatile memories, like Compact Flash, Multi Media Card (MMC), Secure Digital
(SD)-card, SmartCard, NAND Flash and Atmel DataFlash™.
The Direct Memory Access controller for all the serial peripherals enables data transfer between
memories without processor intervention. This reduces the processor overhead when transfer-
ring continuous and large data streams between modules in the MCU.
The Timer/Counters includes three identical 16-bit timer/counter channels. Each channel can be
independently programmed to perform a wide range of functions including frequency measure-
ment, event counting, interval measurement, pulse generation, delay timing and pulse width
modulation.
AT32AP7002 also features an onboard LCD Controller, supporting single and double scan
monochrome and color passive STN LCD modules and single scan active TFT LCD modules.
On monochrome STN displays, up to 16 gray shades are supported using a time-based dither-
ing algorithm and Frame Rate Control (FRC) method. This method is also used in color STN
displays to generate up to 4096 colors.
The LCD Controller is programmable for supporting resolutions up to 2048 x 2048 with a pixel
depth from 1 to 24 bits per pixel.
A pixel co-processor provides color space conversions for images and video, in addition to a
wide variety of hardware filter support
The media-independent interface (MII) and reduced MII (RMII) 10/100 Ethernet MAC modules
provides on-chip solutions for network-connected devices.
Synchronous Serial Controllers provide easy access to serial communication protocols, audio
standards like I2S and frame-based protocols.
The Java hardware acceleration implementation in AVR32 allows for a very high-speed Java
byte-code execution. AVR32 implements Java instructions in hardware, reusing the existing
RISC data path, which allows for a near-zero hardware overhead and cost with a very high
performance.
The Image Sensor Interface supports cameras with up to 12-bit data buses.
PS2 connectivity is provided for standard input devices like mice and keyboards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com