Electronic Components Datasheet Search
  English  ▼

X  

ATmega88 Datasheet(PDF) 297 Page - ATMEL Corporation

Part # ATmega88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega88 Datasheet(HTML) 297 Page - ATMEL Corporation

Back Button ATmega88 Datasheet HTML 293Page - ATMEL Corporation ATmega88 Datasheet HTML 294Page - ATMEL Corporation ATmega88 Datasheet HTML 295Page - ATMEL Corporation ATmega88 Datasheet HTML 296Page - ATMEL Corporation ATmega88 Datasheet HTML 297Page - ATMEL Corporation ATmega88 Datasheet HTML 298Page - ATMEL Corporation ATmega88 Datasheet HTML 299Page - ATMEL Corporation ATmega88 Datasheet HTML 300Page - ATMEL Corporation ATmega88 Datasheet HTML 301Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 340 page
background image
297
7530H–AVR–02/09
ATmega48/88/168 Automotive
Note:
a = address high bits, b = address low bits, H = 0 - Low byte, 1 - High Byte, o = data out, i = data in, x = don’t care
25.8.4
SPI Serial Programming Characteristics
For characteristics of the SPI module see “SPI Timing Characteristics” on page 305.
Read Signature Byte
0011
0000
000x
xxxx
xxxx
xxbb
oooo
oooo
Read Signature Byte o at
address b.
Write Fuse bits
1010
1100
1010
0000
xxxx
xxxx
iiii
iiii
Set bits = “0” to program, “1”
to unprogram. See Table
XXX on page XXX for details.
Write Fuse High bits
1010
1100
1010
1000
xxxx
xxxx
iiii
iiii
Set bits = “0” to program, “1”
to unprogram. See Table 21-1
on page 242 for details.
Write Extended Fuse
Bits
1010
1100
1010
0100
xxxx
xxxx
xxxx
xxii
Set bits = “0” to program, “1”
to unprogram. See
Table
25-4 on page 280 for
details.
Read Fuse bits
0101
0000
0000
0000
xxxx
xxxx
oooo
oooo
Read Fuse bits. “0” =
programmed, “1” =
unprogrammed. See Table
XXX on page XXX for details.
Read Fuse High bits
0101
1000
0000
1000
xxxx
xxxx
oooo
oooo
Read Fuse High bits. “0” =
pro-grammed, “1” =
unprogrammed. See Table
21-1 on page 242 for details.
Read Extended Fuse
Bits
0101
0000
0000
1000
xxxx
xxxx
oooo
oooo
Read Extended Fuse bits. “0”
= pro-grammed, “1” =
unprogrammed. See Table
25-4 on page 280 for details.
Read Calibration Byte
0011
1000
000x
xxxx
0000
0000
oooo
oooo
Read Calibration Byte
Poll RDY/BSY
1111
0000
0000
0000
xxxx
xxxx
xxxx
xxxo
If o = “1”, a programming
operation is still busy. Wait
until this bit returns to “0”
before applying another
command.
Table 25-17. Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com