Electronic Components Datasheet Search
  English  ▼

X  

ATmega88 Datasheet(PDF) 299 Page - ATMEL Corporation

Part # ATmega88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega88 Datasheet(HTML) 299 Page - ATMEL Corporation

Back Button ATmega88 Datasheet HTML 295Page - ATMEL Corporation ATmega88 Datasheet HTML 296Page - ATMEL Corporation ATmega88 Datasheet HTML 297Page - ATMEL Corporation ATmega88 Datasheet HTML 298Page - ATMEL Corporation ATmega88 Datasheet HTML 299Page - ATMEL Corporation ATmega88 Datasheet HTML 300Page - ATMEL Corporation ATmega88 Datasheet HTML 301Page - ATMEL Corporation ATmega88 Datasheet HTML 302Page - ATMEL Corporation ATmega88 Datasheet HTML 303Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 340 page
background image
299
7530H–AVR–02/09
ATmega48/88/168 Automotive
Notes:
1. “Max” means the highest value where the pin is guaranteed to be read as low
2. “Min” means the lowest value where the pin is guaranteed to be read as high
3. Although each I/O port can sink more than the test conditions (20mA at V
CC = 5V, 10mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
ATmega48:
1] The sum of all IOL, for ports C0 - C5, should not exceed 70 mA.
2] The sum of all IOL, for ports C6, D0 - D4, should not exceed 70 mA.
3] The sum of all IOL, for ports B0 - B7, D5 - D7, should not exceed 70 mA.
ATmega88/168:
1] The sum of all IOL, for ports C0 - C5, should not exceed 100 mA.
2] The sum of all IOL, for ports C6, D0 - D4, should not exceed 100 mA.
3] The sum of all IOL, for ports B0 - B7, D5 - D7, should not exceed 100 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
4. Although each I/O port can source more than the test conditions (20mA at V
CC = 5V, 10mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
ATmega48:
1] The sum of all IOH, for ports C0 - C5, should not exceed 70 mA.
2] The sum of all IOH, for ports C6, D0 - D4, should not exceed 70 mA.
3] The sum of all IOH, for ports B0 - B7, D5 - D7, should not exceed 70 mA.
ATmega88/168:
1] The sum of all IOH, for ports C0 - C5, should not exceed 100 mA.
2] The sum of all IOH, for ports C6, D0 - D4, should not exceed 100 mA.
3] The sum of all IOH, for ports B0 - B7, D5 - D7, should not exceed 100 mA.
ICC
Power Supply Current(6)
Active 4MHz, VCC = 3V
(ATmega48/88/168L)
1.8
3.0
mA
Active 8MHz, VCC = 5V
(ATmega48/88/168)
6.0
10
mA
Active 15MHz, VCC = 5V
(ATmega48/88/168)
10.0
16
mA
Idle 4MHz, VCC = 3V
(ATmega48/88/168V)
0.4
1
mA
Idle 8MHz, VCC = 5V
(ATmega48/88/168L)
1.4
2.4
mA
Idle 15MHz, VCC = 5V
(ATmega48/88/168)
2.8
4
mA
Power-down mode
WDT enabled, VCC = 3V
8
30
µA
WDT enabled, VCC = 5V
12.6
50
µA
WDT disabled, VCC = 3V
5
24
µA
WDT disabled, VCC = 5V
6.6
36
µA
VACIO
Analog Comparator
Input Offset Voltage
VCC = 5V
Vin = VCC/2
10
40
mV
IACLK
Analog Comparator
Input Leakage Current
VCC = 5V
Vin = VCC/2
-50
50
nA
tACID
Analog Comparator
Propagation Delay
VCC = 4.5V
140
ns
T
A = -40°C to 125°C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.(5)
Typ.
Max.(5)
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com