Electronic Components Datasheet Search
  English  ▼

X  

ATmega88 Datasheet(PDF) 302 Page - ATMEL Corporation

Part # ATmega88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega88 Datasheet(HTML) 302 Page - ATMEL Corporation

Back Button ATmega88 Datasheet HTML 298Page - ATMEL Corporation ATmega88 Datasheet HTML 299Page - ATMEL Corporation ATmega88 Datasheet HTML 300Page - ATMEL Corporation ATmega88 Datasheet HTML 301Page - ATMEL Corporation ATmega88 Datasheet HTML 302Page - ATMEL Corporation ATmega88 Datasheet HTML 303Page - ATMEL Corporation ATmega88 Datasheet HTML 304Page - ATMEL Corporation ATmega88 Datasheet HTML 305Page - ATMEL Corporation ATmega88 Datasheet HTML 306Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 340 page
background image
302
7530H–AVR–02/09
ATmega48/88/168 Automotive
Figure 26-3. Dichotomic Algorithm Used for LIN Slave Clock Re-synchronization
26.8
Precaution Against OSCCAL Discontinuity
The Figure 28-23 illustrates the on-purpose discontinuity of RC Frequency versus OSCCAL
value. For one correct re-synchronization, the frequency change must be kept on the same side
of the discontinuity (no change of OSCCAL[7]). Since there will be no device having frequency
changed by more than 10% (see Figure 28-21), thus no reason to change the frequency value
by more than 10%. Therefore, when calibration tries to cross the border because of subsequent
increase (or decrease) in OSCCAL values, then the routine must be stopped.
example: For parts operating in the lower part of the curve, if New_OSCCAL >127 then
New_OSCCAL = 127. Similar for parts operating on the high side of the discontinuity.
Measuring
actual TBit
Increment
OSCCAL
Decrement
OSCCAL
-2% < Delta(TBit) < 2%
Delta(TBit) > 2%
Delta(TBit) < -2%
STOP:
Oscillator
Calibrated
Y
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com