Electronic Components Datasheet Search
  English  ▼

X  

ATmega88 Datasheet(PDF) 309 Page - ATMEL Corporation

Part # ATmega88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega88 Datasheet(HTML) 309 Page - ATMEL Corporation

Back Button ATmega88 Datasheet HTML 305Page - ATMEL Corporation ATmega88 Datasheet HTML 306Page - ATMEL Corporation ATmega88 Datasheet HTML 307Page - ATMEL Corporation ATmega88 Datasheet HTML 308Page - ATMEL Corporation ATmega88 Datasheet HTML 309Page - ATMEL Corporation ATmega88 Datasheet HTML 310Page - ATMEL Corporation ATmega88 Datasheet HTML 311Page - ATMEL Corporation ATmega88 Datasheet HTML 312Page - ATMEL Corporation ATmega88 Datasheet HTML 313Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 340 page
background image
309
7530H–AVR–02/09
ATmega48/88/168 Automotive
28.1.2
Pin Pull-up
Figure 28-5. I/O Pin Pull-up Resistor Current vs. Input Voltage (V
CC = 5V)
Figure 28-6. Output Low Voltage vs. Output Low Current (V
CC = 5V)
Figure 28-7. Output Low Voltage vs. Output Low Current (V
CC = 3V)
0
20
40
60
80
100
120
140
160
0123456
V
OP (V )
125
-40
I/O PIN PULL-UP RESISTOR CURRENT vs. INPUT VOLTAGE
V
= 5V
CC
I/O PIN OUTPUT VOLTAGE vs. SINK CURRENT
Vcc = 5.00v
125 ˚C
85 ˚C
25 ˚C
-40 ˚C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
2
4
6
8
10
12
14
16
18
20
I
OL (mA )
I/O PIN OUTPUT VOLTAGE vs. SINK CURRENT
Vcc = 3V
125 ˚C
85 ˚C
25 ˚C
-40 ˚C
0
0.2
0.4
0.6
0.8
1
1.2
0
2
4
6
8
10
12
14
16
18
20
VOL (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com