Electronic Components Datasheet Search
  English  ▼

X  

ATtiny167-15XZ Datasheet(PDF) 64 Page - ATMEL Corporation

Part # ATtiny167-15XZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15XZ Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button ATtiny167-15XZ Datasheet HTML 60Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 61Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 62Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 63Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 64Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 65Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 66Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 67Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 282 page
background image
64
7728D–AVR–07/09
ATtiny87/ATtiny167
• Bit 1 – INT1: External Interrupt Request 1 Enable
When the INT1 bit is set (one) and the I-bit in the Status Register (SREG) is set (one), the
external pin interrupt is enabled. The Interrupt Sense Control1 bits 1/0 (ISC11 and ISC10) in
the External Interrupt Control Register A (EICRA) define whether the external interrupt is acti-
vated on rising and/or falling edge of the INT1 pin or level sensed. Activity on the pin will cause
an interrupt request even if INT1 is configured as an output. The corresponding interrupt of
External Interrupt Request 1 is executed from the INT1 Interrupt Vector.
• Bit 0 – INT0: External Interrupt Request 0 Enable
When the INT0 bit is set (one) and the I-bit in the Status Register (SREG) is set (one), the
external pin interrupt is enabled. The Interrupt Sense Control0 bits 1/0 (ISC01 and ISC00) in
the External Interrupt Control Register A (EICRA) define whether the external interrupt is acti-
vated on rising and/or falling edge of the INT0 pin or level sensed. Activity on the pin will cause
an interrupt request even if INT0 is configured as an output. The corresponding interrupt of
External Interrupt Request 0 is executed from the INT0 Interrupt Vector.
8.3.3
External Interrupt Flag Register – EIFR
• Bit 7, 2 – Res: Reserved Bits
These bits are unused bits in the ATtiny87/167, and will always read as zero.
• Bit 1 – INTF1: External Interrupt Flag 1
When an edge or logic change on the INT1 pin triggers an interrupt request, INTF1 becomes
set (one). If the I-bit in SREG and the INT1 bit in EIMSK are set (one), the MCU will jump to
the corresponding Interrupt Vector. The flag is cleared when the interrupt routine is executed.
Alternatively, the flag can be cleared by writing a logical one to it. This flag is always cleared
when INT1 is configured as a level interrupt.
• Bit 0 – INTF0: External Interrupt Flag 0
When an edge or logic change on the INT0 pin triggers an interrupt request, INTF0 becomes
set (one). If the I-bit in SREG and the INT0 bit in EIMSK are set (one), the MCU will jump to
the corresponding Interrupt Vector. The flag is cleared when the interrupt routine is executed.
Alternatively, the flag can be cleared by writing a logical one to it. This flag is always cleared
when INT0 is configured as a level interrupt.
8.3.4
Pin Change Interrupt Control Register – PCICR
• Bit 7, 2 – Res: Reserved Bits
These bits are unused bits in the ATtiny87/167, and will always read as zero.
Bit
76543210
––––––
INTF1
INTF0
EIFR
Read/Write
RRRRRR
R/W
R/W
Initial Value
00000000
Bit
76543210
––––––
PCIE1
PCIE0
PCICR
Read/Write
RRRRRR
R/W
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com