Electronic Components Datasheet Search
  English  ▼

X  

ATtiny167-15XZ Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATtiny167-15XZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15XZ Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATtiny167-15XZ Datasheet HTML 39Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 40Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 41Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 42Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 43Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 44Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 45Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 46Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 282 page
background image
43
7728D–AVR–07/09
ATtiny87/ATtiny167
5.2
BOD Disable
When the Brown-out Detector (BOD) is enabled by BODLEVEL fuses, Table 21-3 on page
226, the BOD is actively monitoring the power supply voltage during a sleep period. To save
power, it is possible to disable the BOD by software for some of the sleep modes, see Table
5-1. The sleep mode power consumption will then be at the same level as when BOD is glob-
ally disabled by fuses. If BOD is disabled in software, the BOD function is turned off
immediately after entering the sleep mode. Upon wake-up from sleep, BOD is automatically
enabled again. This ensures safe operation in case the Vcc level has dropped during the sleep
period.
When the BOD has been disabled, the wake-up time from sleep mode will be approximately
60 µs to ensure that the BOD is working correctly before the MCU continues executing code.
BOD disable is controlled by BODS bit (BOD Sleep) in the control register MCUCR, see
“MCUCR – MCU Control Register” on page 47. Setting it to one turns off the BOD in relevant
sleep modes, while a zero in this bit keeps BOD active. Default setting keeps BOD active, i.e.
BODS is cleared to zero.
Writing to the BODS bit is controlled by a timed sequence and an enable bit, see “MCUCR –
MCU Control Register” on page 47.
5.3
Idle Mode
When the SM1..0 bits are written to 00, the SLEEP instruction makes the MCU enter Idle
mode, stopping the CPU but allowing the SPI, Analog Comparator, ADC, USI start condition,
Asynchronous Timer/Counter, Watchdog, and the interrupt system to continue operating. This
sleep mode basically halts clk
CPU and clkFLASH, while allowing the other clocks to run.
Idle mode enables the MCU to wake up from external triggered interrupts as well as internal
ones like the SPI interrupts. If wake-up from the Analog Comparator interrupt is not required,
the Analog Comparator can be powered down by setting the ACD bit in the Analog Compara-
tor Control and Status Register – ACSR. This will reduce power consumption in Idle mode. If
the ADC is enabled, a conversion starts automatically when this mode is entered.
5.4
ADC Noise Reduction Mode
When the SM1..0 bits are written to 01, the SLEEP instruction makes the MCU enter ADC
Noise Reduction mode, stopping the CPU but allowing the ADC, the external interrupts, the
USI start condition, the asynchronous Timer/Counter and the Watchdog to continue operating
(if enabled). This sleep mode basically halts clk
I/O, clkCPU, and clkFLASH, while allowing the
other clocks to run.
This improves the noise environment for the ADC, enabling higher resolution measurements.
If the ADC is enabled, a conversion starts automatically when this mode is entered. Apart from
the ADC Conversion Complete interrupt, only an External Reset, a Watchdog System Reset, a
Watchdog Interrupt, a Brown-out Reset, a USI start condition interrupt, an asynchronous
Timer/Counter interrupt, an SPM/EEPROM ready interrupt, an external level interrupt on INT0
or INT1 or a pin change interrupt can wake up the MCU from ADC Noise Reduction mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com