Electronic Components Datasheet Search
  English  ▼

X  

ATtiny167-15XZ Datasheet(PDF) 70 Page - ATMEL Corporation

Part # ATtiny167-15XZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15XZ Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button ATtiny167-15XZ Datasheet HTML 66Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 67Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 68Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 69Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 70Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 71Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 72Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 73Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 282 page
background image
70
7728D–AVR–07/09
ATtiny87/ATtiny167
Table 9-1 summarizes the control signals for the pin value.
Note:
1. Or port-wise PUDx bit in PORTCR register.
9.2.5
Reading the Pin Value
Independent of the setting of Data Direction bit DDxn, the port pin can be read through the
PINxn Register bit. As shown in Figure 9-2, the PINxn Register bit and the preceding latch
constitute a synchronizer. This is needed to avoid metastability if the physical pin changes
value near the edge of the internal clock, but it also introduces a delay. Figure 9-4 shows a
timing diagram of the synchronization when reading an externally applied pin value. The max-
imum and minimum propagation delays are denoted t
pd,max and tpd,min respectively.
Figure 9-4.
Synchronization when Reading an Externally Applied Pin value
Consider the clock period starting shortly after the first falling edge of the system clock. The
latch is closed when the clock is low, and goes transparent when the clock is high, as indi-
cated by the shaded region of the “SYNC LATCH” signal. The signal value is latched when the
system clock goes low. It is clocked into the PINxn Register at the succeeding positive clock
edge. As indicated by the two arrows tpd,max and tpd,min, a single signal transition on the pin
will be delayed between ½ and 1½ system clock period depending upon the time of assertion.
When reading back a software assigned pin value, a nop instruction must be inserted as indi-
cated in Figure 9-5. The out instruction sets the “SYNC LATCH” signal at the positive edge of
the clock. In this case, the delay tpd through the synchronizer is 1 system clock period.
Table 9-1.
Port Pin Configurations
DDxn
PORTxn
PUD
(in MCUCR) (1)
I/O
Pull-up
Comment
0
0
X
Input
No
Tri-state (Hi-Z)
0
1
0
Input
Yes
Pxn will source current if ext. pulled
low.
0
1
1
Input
No
Tri-state (Hi-Z)
1
0
X
Output
No
Output Low (Sink)
1
1
X
Output
No
Output High (Source)
XXX
in r17, PINx
0x00
0xFF
INSTRUCTIONS
SYNC LATCH
PINxn
r17
XXX
SYSTEM CLK
tpd, max
tpd, min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com