Electronic Components Datasheet Search
  English  ▼

X  

ATtiny167-15XZ Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATtiny167-15XZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15XZ Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATtiny167-15XZ Datasheet HTML 19Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 20Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 21Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 22Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 23Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 24Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 25Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 26Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 282 page
background image
23
7728D–AVR–07/09
ATtiny87/ATtiny167
• Bit 3 – EERIE: EEPROM Ready Interrupt Enable
Writing EERIE to one enables the EEPROM Ready Interrupt if the I-bit in SREG is set. Writing
EERIE to zero disables the interrupt. The EEPROM Ready Interrupt generates a constant
interrupt when Non-volatile memory is ready for programming.
• Bit 2 – EEMPE: EEPROM Master Program Enable
The EEMPE bit determines whether writing EEPE to one will have effect or not.
When EEMPE is set, setting EEPE within four clock cycles will program the EEPROM at the
selected address. If EEMPE is zero, setting EEPE will have no effect. When EEMPE has been
written to one by software, hardware clears the bit to zero after four clock cycles.
• Bit 1 – EEPE: EEPROM Program Enable
The EEPROM Program Enable Signal EEPE is the programming enable signal to the
EEPROM. When EEPE is written, the EEPROM will be programmed according to the EEPMn
bits setting. The EEMPE bit must be written to one before a logical one is written to EEPE, oth-
erwise no EEPROM write takes place. When the write access time has elapsed, the EEPE bit
is cleared by hardware. When EEPE has been set, the CPU is halted for two cycles before the
next instruction is executed.
• Bit 0 – EERE: EEPROM Read Enable
The EEPROM Read Enable Signal – EERE – is the read strobe to the EEPROM. When the
correct address is set up in the EEAR Register, the EERE bit must be written to one to trigger
the EEPROM read. The EEPROM read access takes one instruction, and the requested data
is available immediately. When the EEPROM is read, the CPU is halted for four cycles before
the next instruction is executed. The user should poll the EEPE bit before starting the read
operation. If a write operation is in progress, it is neither possible to read the EEPROM, nor to
change the EEAR Register.
3.5.4
General Purpose I/O Register 2 – GPIOR2
3.5.5
General Purpose I/O Register 1 – GPIOR1
3.5.6
General Purpose I/O Register 0 – GPIOR0
Bit
7
6543
210
GPIOR27
GPIOR26
GPIOR25
GPIOR24
GPIOR23
GPIOR22
GPIOR21
GPIOR20
GPIOR2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0000
000
Bit
7654
3210
GPIOR17
GPIOR16
GPIOR15
GPIOR14
GPIOR13
GPIOR12
GPIOR11
GPIOR10
GPIOR1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
0000
Bit
7654
3210
GPIOR07
GPIOR06
GPIOR05
GPIOR04
GPIOR03
GPIOR02
GPIOR01
GPIOR00
GPIOR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com