Electronic Components Datasheet Search
  English  ▼

X  

ATtiny167-15XZ Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATtiny167-15XZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15XZ Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATtiny167-15XZ Datasheet HTML 11Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 12Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 13Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 14Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 15Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 16Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 17Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 18Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 282 page
background image
15
7728D–AVR–07/09
ATtiny87/ATtiny167
3.
AVR Memories
This section describes the different memories in the ATtiny87/167. The AVR architecture has
two main memory spaces, the Data memory and the Program memory space. In addition, the
ATtiny87/167 features an EEPROM Memory for data storage. All three memory spaces are
linear and regular.
Notes:
1. Byte address.
2. Word (16-bit) address.
3.1
In-System Re-programmable Flash Program Memory
The ATtiny87/167 contains On-chip In-System Reprogrammable Flash memory for program
storage (see “Flash size” in Table 3-1 on page 15). Since all AVR instructions are 16 or 32 bits
wide, the Flash is organized as 16 bits wide. ATtiny87/167 does not have separate Boot
Loader and Application Program sections, and the SPM instruction can be executed from the
entire Flash. See SELFPRGEN description in Section 20.2.1 “Store Program Memory Control
and Status Register – SPMCSR” on page 219 for more details.
The Flash memory has an endurance of at least 10,000 write/erase cycles in automotive
range. The ATtiny87/167 Program Counter (PC) address the program memory locations. Sec-
tion 21. “Memory Programming” on page 225 contains a detailed description on Flash data
serial downloading using the SPI pins.
Constant tables can be allocated within the entire Program memory address space (see the
LPM – Load Program memory instruction description).
Table 3-1.
Memory Mapping.
Memory
Mnemonic
ATtiny87
ATtiny167
Flash
Size
Flash size
8 K bytes
16 K bytes
Start Address
-
0x0000
End Address
Flash end
0x1FFF(1)
0x0FFF(2)
0x3FFF(1)
0x1FFF(2)
32 Registers
Size
-
32 bytes
Start Address
-
0x0000
End Address
-
0x001F
I/O
Registers
Size
-
64 bytes
Start Address
-
0x0020
End Address
-
0x005F
Ext I/O
Registers
Size
-
160 bytes
Start Address
-
0x0060
End Address
-
0x00FF
Internal
SRAM
Size
ISRAM size
512 bytes
Start Address
ISRAM start
0x0100
End Address
ISRAM end
0x02FF
EEPROM
Size
E2 size
512 bytes
Start Address
-
0x0000
End Address
E2 end
0x01FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com