Electronic Components Datasheet Search
  English  ▼

X  

ATtiny167-15XZ Datasheet(PDF) 102 Page - ATMEL Corporation

Part # ATtiny167-15XZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15XZ Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button ATtiny167-15XZ Datasheet HTML 98Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 99Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 100Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 101Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 102Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 103Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 104Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 105Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 282 page
background image
102
7728D–AVR–07/09
ATtiny87/ATtiny167
• Bit 6, 3 – WGM01:0: Waveform Generation Mode
These bits control the counting sequence of the counter, the source for the maximum (TOP)
counter value, and what type of waveform generation to be used, see Table 10-4. Modes of
operation supported by the Timer/Counter unit are: Normal mode (Counter), Clear Timer on
Compare match (CTC) mode, and two types of Pulse Width Modulation (PWM) modes (See
”Modes of Operation” on page 92.).
Notes:
1. MAX = 0xFF,
2. BOTTOM = 0x00.
10.11.1
Timer/Counter0 Control Register B – TCCR0B
• Bit 7 – FOC0A: Force Output Compare A
The FOC0A bit is only active when the WGM bits specify a non-PWM mode.
However, for ensuring compatibility with future devices, this bit must be set to zero when
TCCR0B is written when operating in PWM mode. When writing a logical one to the FOC0A
bit, an immediate Compare Match is forced on the Waveform Generation unit. The OC0A out-
put is changed according to its COM0A1:0 bits setting. Note that the FOC0A bit is
implemented as a strobe. Therefore it is the value present in the COM0A1:0 bits that deter-
mines the effect of the forced compare.
A FOC0A strobe will not generate any interrupt, nor will it clear the timer in CTC mode using
OCR0A as TOP.
The FOC0A bit is always read as zero.
• Bit 6:3 – Res: Reserved Bits
These bits are reserved in the ATtiny87/167 and will always read as zero.
• Bit 2:0 – CS02:0: Clock Select
Table 10-4.
Waveform Generation Mode Bit Description
Mode
WGM01
(CTC0)
WGM00
(PWM0)
Timer/Counter
Mode of Operation
TOP
Update of
OCR0A at
TOV0 Flag
Set on
(1)(2)
0
0
0
Normal
0xFF
Immediate
MAX
1
0
1
PWM, Phase Correct
0xFF
TOP
BOTTOM
2
1
0
CTC
OCR0A
Immediate
MAX
3
1
1
Fast PWM
0xFF
TOP
MAX
Bit
7
6
5
4
3
210
FOC0A
–
–
–
–
CS02
CS01
CS00
TCCR0B
Read/Write
W
R
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com