Electronic Components Datasheet Search
  English  ▼

X  

ATA8205 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATA8205
Description  Industrial UHF ASK/FSK Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8205 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATA8205 Datasheet HTML 10Page - ATMEL Corporation ATA8205 Datasheet HTML 11Page - ATMEL Corporation ATA8205 Datasheet HTML 12Page - ATMEL Corporation ATA8205 Datasheet HTML 13Page - ATMEL Corporation ATA8205 Datasheet HTML 14Page - ATMEL Corporation ATA8205 Datasheet HTML 15Page - ATMEL Corporation ATA8205 Datasheet HTML 16Page - ATMEL Corporation ATA8205 Datasheet HTML 17Page - ATMEL Corporation ATA8205 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
14
9121B–INDCO–04/09
ATA8203/ATA8204/ATA8205
For best noise immunity using a low span between T
Lim_min and TLim_max is recommended. This is
achieved using a fixed frequency at a 50% duty cycle for the transmitter preburst. A “11111...” or
a “10101...” sequence in Manchester or Bi-phase is suitable for this. A good compromise
between receiver sensitivity and susceptibility to noise is a time window of ±30% regarding the
expected edge-to-edge time t
ee. Using pre-burst patterns that contain various edge-to-edge time
periods, the bit-check limits must be programmed according to the required span.
The bit-check limits are determined by means of the formula below.
T
Lim_min = Lim_min × TXClk
T
Lim_max = (Lim_max – 1) × TXClk
Lim_min and Lim_max are defined by a 5-bit word each within the LIMIT register.
Using above formulas, Lim_min and Lim_max can be determined according to the required
T
Lim_min, TLim_max and TXClk. The time resolution defining TLim_min and TLim_max is TXClk. The mini-
mum edge-to-edge time t
ee (tDATA_L_min, tDATA_H_min) is defined according to the Section 8.6
“Digital Signal Processing” on page 16. The lower limit should be set to Lim_min
≥ 10. The max-
imum value of the upper limit is Lim_max = 63.
If the calculated value for Lim_min is < 19, it is recommended to check 6 or 9 bits (N
Bit-check) to
prevent switching to receiving mode due to noise.
Figure 8-4, Figure 8-5, and Figure 8-6 illustrate the bit check for the bit-check limits
Lim_min = 14 and Lim_max = 24. When the IC is enabled, the signal processing circuits are
enabled during T
Startup. The output of the ASK/FSK demodulator (Dem_out) is undefined during
that period. When the bit check becomes active, the bit-check counter is clocked with the cycle
T
XClk.
Figure 8-4 shows how the bit check proceeds if the bit-check counter value CV_Lim is within the
limits defined by Lim_min and Lim_max at the occurrence of a signal edge. In Figure 8-5 the bit
check fails as the value CV_Lim is lower than the limit Lim_min. The bit check also fails if
CV_Lim reaches Lim_max. This is illustrated in Figure 8-6.
Figure 8-4.
Timing Diagram During Bit Check
IC_ACTIVE
Bit-check
counter
Dem_out
Bit check
T
Bit-check
Start-up mode
(Lim_min = 14, Lim_max = 24)
Bit check ok
Bit check ok
78
56
3 4
12
34
15
13 14
11 12
910
12
78
56
3 4
17 18
15 16
13 14
11 12
910
12
78
56
34
12
0
1/2 Bit
1/2 Bit
1/2 Bit
Bit-check mode
T
Start-up
T
XClk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com