Electronic Components Datasheet Search
  English  ▼

X  

ATA8205 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATA8205
Description  Industrial UHF ASK/FSK Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8205 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATA8205 Datasheet HTML 35Page - ATMEL Corporation ATA8205 Datasheet HTML 36Page - ATMEL Corporation ATA8205 Datasheet HTML 37Page - ATMEL Corporation ATA8205 Datasheet HTML 38Page - ATMEL Corporation ATA8205 Datasheet HTML 39Page - ATMEL Corporation ATA8205 Datasheet HTML 40Page - ATMEL Corporation ATA8205 Datasheet HTML 41Page - ATMEL Corporation ATA8205 Datasheet HTML 42Page - ATMEL Corporation ATA8205 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
39
9121B–INDCO–04/09
ATA8203/ATA8204/ATA8205
9
Configuration of the Receiver (see Figure 12-1 and Figure 13-1)
9.1
Frequency of
the reset
marker
Frequency is
stable within
50 ms after
POR
f
RM
117.9
117.9
118.2
118.2
1/
(4096
×
T
Clk)
1/
(4096
×
T
Clk)
Hz
A
9.2
Programming
start pulse
BR_Range =
BR_Range0
BR_Range1
BR_Range2
BR_Range3
after POR
t1
3361
2276
1734
1463
16425
11656
11656
11656
11656
3355
2272
1731
1460
11636
11636
11636
11636
1624
×
T
Clk
1100
×
T
Clk
838
× T
Clk
707
× T
Clk
7936
×
T
Clk
5632
× T
Clk
5632
× T
Clk
5632
× T
Clk
5632
× T
Clk
µs
µs
µs
µs
µs
A
9.3
Programming
delay period
t2
796
798
794
796
384.5
×
T
Clk
385.5
×
T
Clk
µs
A
9.4
Synchroniza-
tion pulse
t3
265
265
264
264
128
× T
Clk
128
× T
Clk
µs
A
9.5
Delay until of
the program
window starts
t4
131
131
131
131
63.5
× T
Clk
63.5
× T
Clk
µs
A
9.6
Programming
window
t5
530
530
529
529
256
× T
Clk
256
× T
Clk
µs
A
9.7
Time frame
of a bit
t6
1060
1060
1058
1058
512
× T
Clk
512
× T
Clk
µs
A
9.8
Programming
pulse
t7
132
530
132
529
64
× T
Clk
256
× T
Clk
µs
C
9.9
Equivalent
acknowledge
pulse: E_Ack
t8
265
265
264
264
128
× T
Clk
128
× T
Clk
µs
A
9.10
Equivalent
time window
t9
534
534
533
533
258
× T
Clk
258
× T
Clk
µs
A
9.11
OFF-bit
programming
window
t10
930
930
929
929
449.5
×
T
Clk
449.5
×
T
Clk
µs
A
10
Data Clock (see Figure 9-1 and Figure 9-6)
10.1
Minimum
delay time
between
edge at DATA
and
DATA_CLK
BR_Range =
BR_Range0
BR_Range1
BR_Range2
BR_Range3
t
Delay2
0
0
0
0
16.557
8.278
4.139
2.069
0
0
0
0
16.528
8.264
4.132
2.066
0
0
0
0
1
× T
XClk
1
× T
XClk
1
× T
XClk
1
× T
XClk
µs
µs
µs
µs
C
10.2
Pulse width
of negative
pulse at pin
DATA_CLK
BR_Range =
BR_Range0
BR_Range1
BR_Range2
BR_Range3
t
P_DATA_CLK
66.2
33.1
16.5
8.3
62.2
33.1
16.5
8.3
66.1
33.0
16.5
8.25
66.1
33.0
16.5
8.25
4
× T
XClk
4
× T
XClk
4
× T
XClk
4
× T
XClk
4
× T
XClk
4
× T
XClk
4
× T
XClk
4
× T
XClk
µs
µs
µs
µs
A
18. Electrical Characteristics ATA8204, ATA8205 (Continued)
All parameters refer to GND, Tamb = 25°C, VS = 5V, f0 = 433.92 MHz and f0 = 868.3 MHz unless otherwise specified.
No. Parameter
Test
Conditions
Symbol
f
RF = 433.92 MHz
13.52875 MHz Oscillator
f
RF = 868.3 MHz,
13.55234 MHz Oscillator
Variable Oscillator
Unit Type*
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com