Electronic Components Datasheet Search
  English  ▼

X  

ATA8205 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATA8205
Description  Industrial UHF ASK/FSK Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8205 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATA8205 Datasheet HTML 38Page - ATMEL Corporation ATA8205 Datasheet HTML 39Page - ATMEL Corporation ATA8205 Datasheet HTML 40Page - ATMEL Corporation ATA8205 Datasheet HTML 41Page - ATMEL Corporation ATA8205 Datasheet HTML 42Page - ATMEL Corporation ATA8205 Datasheet HTML 43Page - ATMEL Corporation ATA8205 Datasheet HTML 44Page - ATMEL Corporation ATA8205 Datasheet HTML 45Page - ATMEL Corporation ATA8205 Datasheet HTML 46Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
45
9121B–INDCO–04/09
ATA8203/ATA8204/ATA8205
21. Package Information
22. Revision History
20. Ordering Information
Extended Type Number
Package
Remarks
ATA8203P3-TKQY
SSO20
315 MHz version, MOQ 4000
ATA8204P3-TKQY
SSO20
433 MHz version, MOQ 4000
ATA8205P6-TKQY
SSO20
868 MHz version, MOQ 4000
Package: SSO20
Dimensions in mm
specifications
according to DIN
technical drawings
6.75-0.25
11
20
10
1
Issue: 1; 10.03.04
Drawing-No.: 6.543-5056.01-4
5.85±0.05
0.65±0.05
5.4±0.2
4.4±0.1
6.45±0.15
0.25±0.05
Please note that the following page numbers referred to in this section refer to the specific revision
mentioned, not to this document.
Revision No.
History
9121B-INDCO-04/09
• Figure 1-1 “System Block Diagram” on page 2 changed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com