Electronic Components Datasheet Search
  English  ▼

X  

HS54095 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HS54095
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS54095 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HS54095 Datasheet HTML 1Page - Renesas Technology Corp HS54095 Datasheet HTML 2Page - Renesas Technology Corp HS54095 Datasheet HTML 3Page - Renesas Technology Corp HS54095 Datasheet HTML 4Page - Renesas Technology Corp HS54095 Datasheet HTML 5Page - Renesas Technology Corp HS54095 Datasheet HTML 6Page - Renesas Technology Corp HS54095 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HS54095
REJ03G1668-0200 Rev.2.00 Dec 10, 2009
Page 4 of 4
800
0
16
600
12
400
8
200
0
4
24
6
8
10
0
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge Qg (nC)
Dynamic Input Characteristics (Typical)
0
0.4
0.8
1.2
1.6
2.0
0.4
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage (Typical)
Case Temperature
Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature (Typical)
0.2
0
0.6
0.8
0
5
-25
0
25
50
75
100 125
150
2
1
3
4
VDS
VGS
VDD = 480 V
300 V
100 V
VDD = 480 V
300 V
100 V
VDS = 10 V
1 mA
0.1 mA
ID = 0.2 A
Ta = 25
°C
VGS = 0
Ta = 25
°C
Pulse Test
0
100
200
300
1000
10
100
0.1
1
VGS = 0
f = 1 MHz
Ta = 25
°C
Ciss
Coss
Crss
ID = 10 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com