Electronic Components Datasheet Search
  English  ▼

X  

HS54095 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HS54095
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS54095 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HS54095 Datasheet HTML 1Page - Renesas Technology Corp HS54095 Datasheet HTML 2Page - Renesas Technology Corp HS54095 Datasheet HTML 3Page - Renesas Technology Corp HS54095 Datasheet HTML 4Page - Renesas Technology Corp HS54095 Datasheet HTML 5Page - Renesas Technology Corp HS54095 Datasheet HTML 6Page - Renesas Technology Corp HS54095 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HS54095
REJ03G1668-0200 Rev.2.00 Dec 10, 2009
Page 3 of 3
Main Characteristics
0.8
0.6
0.4
0.2
0
0
4
8
12
16
20
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
0.01
1
0.1
10
100
1
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current (Typical)
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature (Typical)
234
6
5
0
10
20
30
40
-25
0
50
25
75
100 125 150
0.001
0.01
0.1
1
10
0.1
1
10
100
1000
0.1
0.3
1
1000
100
10
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time (Typical)
di / dt = 50 A /
μs
VGS = 0, Ta = 25°C
VGS = 10 V
Pulse Test
ID = 0.4 A
−25°C
Tc = 75
°C
25
°C
VGS = 10 V
Ta = 25
°C
Pulse Test
0.1 A
3.8 V
4.2 V
4.4 V
4.6 V
3.6V
VGS = 3.4 V
4 V
Ta = 25
°C
Pulse Test
Ta = 25
°C
1 shot
Operation in this
area is limited by
RDS(on)
10
μs
5 V
10 V
1
0.1
0.01
0.001
VDS = 10 V
Pulse Test
0.2 A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com