Electronic Components Datasheet Search
  English  ▼

X  

HS54095 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HS54095
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS54095 Datasheet(HTML) 6 Page - Renesas Technology Corp

  HS54095 Datasheet HTML 1Page - Renesas Technology Corp HS54095 Datasheet HTML 2Page - Renesas Technology Corp HS54095 Datasheet HTML 3Page - Renesas Technology Corp HS54095 Datasheet HTML 4Page - Renesas Technology Corp HS54095 Datasheet HTML 5Page - Renesas Technology Corp HS54095 Datasheet HTML 6Page - Renesas Technology Corp HS54095 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HS54095
REJ03G1668-0200 Rev.2.00 Dec 10, 2009
Page 6 of 6
Package Dimensions
0.60 Max
0.55 Max
4.8 ± 0.3
3.8 ± 0.3
0.5 Max
1.27
2.54
Previous Code
PRSS0003DA-A
TO-92(1) / TO-92(1)V
MASS[Typ.]
0.25g
SC-43A
RENESAS Code
JEITA Package Code
Unit: mm
Package Name
TO-92(1)
Since HS54095 is equipped with high voltage FET chip (VDSS ≥ 600 V), high voltage may be supplied.
Therefore, please be sure to confirm about Electric discharge between Drain terminal and other terminal.
Ordering Information
Part No.
Quantity
Shipping Container
HS54095TZ-E
2500 pcs
Hold Box, Radial Taping
Note:
Leads is forming applied as following figure.
12.7
6.35
4.0
12.7
2.5 2.5
Unit: mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com