Electronic Components Datasheet Search
  English  ▼

X  

HS54095 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HS54095
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS54095 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HS54095 Datasheet HTML 1Page - Renesas Technology Corp HS54095 Datasheet HTML 2Page - Renesas Technology Corp HS54095 Datasheet HTML 3Page - Renesas Technology Corp HS54095 Datasheet HTML 4Page - Renesas Technology Corp HS54095 Datasheet HTML 5Page - Renesas Technology Corp HS54095 Datasheet HTML 6Page - Renesas Technology Corp HS54095 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HS54095
REJ03G1668-0200 Rev.2.00 Dec 10, 2009
Page 2 of 2
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
600
—
—
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
—
—
1
μA
VDS = 600 V, VGS = 0
Gate to source leak current
IGSS
—
—
±0.1
μA
VGS = ±30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
3
—
5
V
VDS = 10 V, ID = 1 mA
Static drain to source on state
resistance
RDS(on)
—
13.5
16.5
Ω
ID = 0.1 A, VGS = 10 V
Note2
Input capacitance
Ciss
—
66
—
pF
Output capacitance
Coss
—
8.7
—
pF
Reverse transfer capacitance
Crss
—
1.3
—
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
—
30
—
ns
Rise time
tr
—
15
—
ns
Turn-off delay time
td(off)
—
51
—
ns
Fall time
tf
—
175
—
ns
ID = 0.1 A
VGS = 10 V
RL = 3000 Ω
Rg = 10
Ω
Total gate charge
Qg
—
4.8
—
nC
Gate to source charge
Qgs
—
0.6
—
nC
Gate to drain charge
Qgd
—
3.2
—
nC
VDD = 480 V
VGS = 10 V
ID = 0.2 A
Body-drain diode forward voltage
VDF
—
0.77
1.30
V
IF = 0.2 A, VGS = 0
Note2
Body-drain diode reverse recovery time
trr
—
220
—
ns
IF = 0.2 A, VGS = 0
diF/dt = 50 A/μs
Notes: 2. Pulse test
3. Since this device is equipped with high voltage FET chip (VDSS ≥ 600 V), high voltage may be supplied.
Therefore, please be sure to confirm about Electric discharge between Drain terminal and other terminal.
4. This device is sensitive to electrostatic discharge.
It is recommended to adopt appropriate cautions when handling this product.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com