Electronic Components Datasheet Search
  English  ▼

X  

SC195 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC195
Description  3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC195 Datasheet(HTML) 4 Page - Semtech Corporation

  SC195 Datasheet HTML 1Page - Semtech Corporation SC195 Datasheet HTML 2Page - Semtech Corporation SC195 Datasheet HTML 3Page - Semtech Corporation SC195 Datasheet HTML 4Page - Semtech Corporation SC195 Datasheet HTML 5Page - Semtech Corporation SC195 Datasheet HTML 6Page - Semtech Corporation SC195 Datasheet HTML 7Page - Semtech Corporation SC195 Datasheet HTML 8Page - Semtech Corporation SC195 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SC195
4
Parameter
Symbol
Condition
Min
Typ
Max
Units
Switching Frequency
f
SW
2.8
3.5
4.2
MHz
Soft-Start
t
SS
V
OUT
= 90% of final value
100
500
μs
Thermal Shutdown
T
OT
Rising temperature
160
°C
Thermal Shutdown Hysteresis
T
HYST
20
°C
Logic Inputs - CTL0, CTL1, CTL2, and CTL3
Input High Voltage
V
IH
1.2
V
Input Low Voltage
V
IL
0.4
V
Input High Current
I
IH
V
CTL 0-3
= V
IN
-2.0
5.0
μA
Input Low Current
I
IL
V
CTL 0-3
= GND
-2.0
2.0
μA
Notes
(1)
Maximum output voltage is limited to VIN if the input is less than 3.3V.
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com