Electronic Components Datasheet Search
  English  ▼

X  

SC195 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC195
Description  3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC195 Datasheet(HTML) 5 Page - Semtech Corporation

  SC195 Datasheet HTML 1Page - Semtech Corporation SC195 Datasheet HTML 2Page - Semtech Corporation SC195 Datasheet HTML 3Page - Semtech Corporation SC195 Datasheet HTML 4Page - Semtech Corporation SC195 Datasheet HTML 5Page - Semtech Corporation SC195 Datasheet HTML 6Page - Semtech Corporation SC195 Datasheet HTML 7Page - Semtech Corporation SC195 Datasheet HTML 8Page - Semtech Corporation SC195 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SC195
5
Typical Characteristics
Efficiency vs. I
OUT (TA = -40°C)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Load Current (mA)
3.3V
2.8V
1.8V
1V
Efficiency vs. I
OUT (TA = 25°C)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Load Current (mA)
3.3V
1V
2.8V
1.8V
Efficiency vs. I
OUT (TA = 85°C)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Load Current (mA)
1V
3.3V
2.8V
1.8V
VOUT (V)
65
70
75
80
85
90
95
100
0.5
1
1.5
2
2.5
33.5
4.2V
5.0V
3.6V
IOUT = 200mA
VOUT (V)
4.2V
5.0V
3.6V
65
70
75
80
85
90
95
0.5
1
1.5
2
2.5
3
3.5
100
IOUT = 200mA
VOUT (V)
4.2V
5.0V
3.6V
65
70
75
80
85
90
95
100
0.51
1.52
2.53
3.5
IOUT = 200mA
V
IN
= 4.0V for V
OUT
= 3.3V, V
IN
= 3.6V for all others. C
IN
= 4.7μF, C
OUT
= 10μF, L
X
= 1μH, T
A
= 25°C unless otherwise noted.
Efficiency vs. V
OUT (TA = -40°C)
Efficiency vs. V
OUT (TA = 25°C)
Efficiency vs. V
OUT (TA = 85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com