Electronic Components Datasheet Search
  English  ▼

X  

SC195 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC195
Description  3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC195 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC195 Datasheet HTML 8Page - Semtech Corporation SC195 Datasheet HTML 9Page - Semtech Corporation SC195 Datasheet HTML 10Page - Semtech Corporation SC195 Datasheet HTML 11Page - Semtech Corporation SC195 Datasheet HTML 12Page - Semtech Corporation SC195 Datasheet HTML 13Page - Semtech Corporation SC195 Datasheet HTML 14Page - Semtech Corporation SC195 Datasheet HTML 15Page - Semtech Corporation SC195 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SC195
12
General Description
The SC195 is a synchronous step-down Pulse Width
Modulated (PWM) DC-DC regulator utilizing a 3.5MHz
fixed-frequency voltage mode architecture. The device is
designed to operate in fixed-frequency PWM mode and
enter power save (PSAVE) mode utilizing pulse frequency
modulation under light load conditions to maximize effi-
ciency. The device requires only two capacitors and a
single inductor to be implemented in most systems. The
switching frequency has been chosen to minimize the size
of the inductor and capacitors while maintaining high
efficiency. The output voltage is programmable, eliminat-
ing the need for external programming resistors. Loop
compensation is also internal, eliminating the need for
external components to control stability.
Programmable Output Voltage
The SC195 has fifteen fixed output voltage levels which
can be individually selected by programming the CTL
control pins (CTL1-CTL4 — see Table 1 on page 2 for set-
tings). The device is disabled whenever all four CTL pins
are pulled low and enabled whenever at least one of the
CTL pins is pulled high. This control approach eliminates
the need for a dedicated enable pin. Each CTL pin is inter-
nally pulled down via 1MΩ if V
IN
is below 1.5V or if the
voltage on the control pin is below the input high voltage.
This ensures that the output is disabled when power is
applied if there are no inputs to the CTL pins. Each weak
pull-down is disabled whenever its pin is pulled high and
remains disabled until all CTL pins are pulled low.
The output voltage can be set using different approaches.
If a static output voltage is required, the CTL pins can be
tied to either IN or GND so that the desired voltage is set
whenever power is applied at IN. If enable control is
required, each CTL pin can be tied to either GND or to a
microprocessor I/O line to create the desired control code
whenever the control signal is forced high. This approach
is equivalent to using the CTL pins collectively as a single
enable pin. A third option is to connect each of the four
CTL pins to individual microprocessor I/O lines. Any of the
15 output voltages can be programmed using this
approach. If only two output voltages are needed, the
CTL pins can be combined in a way that will reduce the
number of I/O lines to 1, 2, or 3, depending on the control
code for each desired voltage. Other CTL pins could be
hard wired to GND or IN. This option allows dynamic
voltage adjustment for systems that reduce the supply
voltage when entering sleep states. Note that applying
all zeros to the CTL pins when changing the output volt-
ages will temporarily disable the device, so it is important
to avoid this combination when dynamically changing
levels.
PWM Operation
Normal PWM operation occurs when the output load
current exceeds the PSAVE threshold. In this mode, the
PMOS high side switch is activated with the duty cycle
required to produce the output voltage programmed by
the CTL pins. An internal synchronous NMOS rectifier
eliminates the need for an external Schottky diode on
the LX pin. As V
IN
decreases, the duty cycle (percentage
of time PMOS is active) increases. As the input voltage
approaches the programmed output voltage, the duty
cycle approaches 100% (PMOS always on) and the device
enters a pass-through mode until the input voltage
increases or the load decreases enough to allow PWM
switching to resume.
Power Save Mode Operation
When the load current decreases below the PSAVE
threshold, PWM switching stops and the device auto-
matically enters PSAVE mode. This threshold varies
depending on the input voltage and output voltage
setting, optimizing efficiency for all possible load currents
- whether in PWM or PSAVE mode. While in PSAVE mode,
output voltage regulation is controlled by a series of
bursts in switching. During a burst, the inductor current
is limited to a peak value which controls the on-time of
the PMOS switch. After reaching this peak, the PMOS
switch is disabled and the inductor current is forced to
near 0mA. Switching bursts continue until the output
voltage climbs to V
OUT
+2.5% or until the PSAVE current
limit is reached. Switching is then stopped to eliminate
switching losses, enhancing overall efficiency. Switching
resumes when the output voltage reaches the lower
threshold of V
OUT
and continues until the upper threshold
again is reached. Note that the output voltage is regu-
lated hysteretically while in PSAVE mode between V
OUT
and V
OUT
+ 2.5%. The period and duty cycle while in PSAVE
mode are solely determined by V
IN
and V
OUT
until PWM
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com