Electronic Components Datasheet Search
  English  ▼

X  

SC195 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC195
Description  3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC195 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC195 Datasheet HTML 10Page - Semtech Corporation SC195 Datasheet HTML 11Page - Semtech Corporation SC195 Datasheet HTML 12Page - Semtech Corporation SC195 Datasheet HTML 13Page - Semtech Corporation SC195 Datasheet HTML 14Page - Semtech Corporation SC195 Datasheet HTML 15Page - Semtech Corporation SC195 Datasheet HTML 16Page - Semtech Corporation SC195 Datasheet HTML 17Page - Semtech Corporation SC195 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
SC195
14
Inductor Selection
The SC195 is designed to operate with a 1μH inductor
between the LX pin and the OUT pin. Other values may
lead to instability, malfunction, or out-of-specification
performance. The specified current levels for PSAVE entry,
PSAVE exit, and current limit are dependent on the induc-
tor value.
The SC195 converter has internal loop compensation. The
compensation is designed to work with a specific single-
pole output filter corner frequency defined by the
equation
OUT
C
C
L
2
1
f
Where, L = 1μH and C
OUT
= 10μF.
When selecting output filter components, the LC product
should not vary over a wide range. Selection of smaller
inductor and capacitor values will move the corner fre-
quency, potentially impacting system stability.
It is also important to consider the change in inductance
with DC bias current when choosing an inductor. The
inductor saturation current is specified as the current at
which the inductance drops a specific percentage from
the nominal value (approximately 30%). Except for short-
circuit or other fault conditions, the peak current must
always be less than the saturation current specified by the
manufacturer. The peak current is the maximum load
current plus one half of the inductor ripple current at the
maximum input voltage. Load and/or line transients can
cause the peak current to exceed this level for short dura-
tions. Maintaining the peak current below the inductor
saturation specification keeps the inductor ripple current
and the output voltage ripple at acceptable levels.
Manufacturers often provide graphs of actual inductance
and saturation characteristics versus applied inductor
current. The saturation characteristics of the inductor can
vary significantly with core temperature. Core and
ambient temperatures should be considered when exam-
ining the core saturation characteristics.
Applications Information (continued)
When the inductor value has been determined, the DC
resistance (DCR) must be examined. Efficiency can be
optimized by lowering the inductor’s DCR as much as pos-
sible. Low DCR in an inductor requires either more surface
area for the increased wire diameter or fewer turns to
reduce the length of the copper winding. Fewer turns
requires an inductor core with a larger cross-sectional area
in order to maintain the same saturation characteristics.
The inductor size must always be considered when exam-
ining the inductor DCR to determine the best compromise
between DCR and component area on a PCB. Note that
the ripple component of the inductor is a small percent-
age of the DC load. AC losses in the inductor core and
winding do not contribute significantly to the total
losses.
Magnetic fields associated with the output inductor can
interfere with nearby circuitry. This can be minimized by
the use of low-noise shielded inductors which use the
minimum gap possible to limit the distance that magnetic
fields can radiate from the inductor. Shielded inductors,
however, typically have a higher DCR and are, therefore,
less efficient than a similar sized non-shielded inductor.
Final inductor selection depends on various design con-
siderations such as efficiency, EMI, size, and cost. Table 2
lists the manufacturers of recommended inductor options.
The inductors with larger packages tend to provide better
overall efficiency, while the smaller package inductors
provide decent efficiency with reduced footprint or height.
The saturation current ratings and DC characteristics are
also shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com