Electronic Components Datasheet Search
  English  ▼

X  

SC195 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC195
Description  3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC195 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC195 Datasheet HTML 10Page - Semtech Corporation SC195 Datasheet HTML 11Page - Semtech Corporation SC195 Datasheet HTML 12Page - Semtech Corporation SC195 Datasheet HTML 13Page - Semtech Corporation SC195 Datasheet HTML 14Page - Semtech Corporation SC195 Datasheet HTML 15Page - Semtech Corporation SC195 Datasheet HTML 16Page - Semtech Corporation SC195 Datasheet HTML 17Page - Semtech Corporation SC195 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
SC195
16
calculating the minimum value required for C
IN
from the
equation
f
ESR
I
V
V
V
1
V
V
C
OUT
IN
OUT
IN
OUT
IN
The input capacitor RMS ripple current varies with the
input and output voltage. The maximum input capacitor
RMS current is found from the equation
IN
OUT
IN
OUT
RMS
V
V
1
V
V
I
The input voltage ripple and RMS current ripple are at
maximum levels when the input voltage is twice the
output voltage (50% duty cycle scenario).
The input capacitor provides a low impedance loop for
the edges of pulsed current drawn by the PMOS switch.
Low ESR/ESL X5R ceramic capacitors are recommended
for this function. To minimize stray inductance, the capaci-
tor should be placed as closely as possible to the IN and
GND pins of the SC195. Table 4 lists the recommended
input capacitor options from different manufacturers.
Table 4 — Recommended Input Capacitors
Manufacturer
Part Nunber
Value
(μF)
Type
Rated
Voltage
(VDC)
Dimensions
LxWxH (mm)
Case Size
Murata
GRM188R60J475K
4.7±10%
X5R
6.3
1.6x0.8x0.8
0603
Murata
GRM188R60J106K
10±10%
X5R
6.3
1.6x0.8x0.8
0603
Taiyo Yuden
JMK107BJ475KA
4.7±10%
X5R
6.3
1.6x0.8x0.8
0603
PCB Layout Considerations
The layout diagram in Figure 2 shows a recommended
PCB top-layer for the SC195 and supporting components.
Specified layout rules must be followed since the layout is
critical for achieving the performance specified in the
Electrical Characteristics table. Poor layout can degrade
the performance of the DC-DC converter and can contrib-
Applications Information (continued)
ute to EMI problems, ground bounce, and resistive voltage
losses. Poor regulation and instability can result.
The following guidelines are recommended for designing
a PCB layout:
The input capacitor, C
IN
should be placed as close to the
VIN and GND pins as possible. This capacitor provides
a low impedance loop for the pulsed currents present
at the buck converter’s input. Use short wide traces
to connect as closely to the IC as possible. This will
minimize EMI and input voltage ripple by localizing
the high frequency current pulses.
Keep the LX pin traces as short as possible to minimize
pickup of high frequency switching edges to other
parts of the circuit. C
OUT
and L
X
should be connected
as close as possible between the LX and GND pins,
with a direct return to the GND.
Use a ground plane referenced to the GND pin. Use
several vias to connect to the component side ground
to further reduce noise and interference on sensitive
circuit nodes.
Route the output voltage feedback/sense path away
from the inductor and LX node to minimize noise and
magnetic interference.
Minimize the resistance from the OUT and GND pins
to the load. This will reduce errors in DC regulation
due to voltage drops in the traces.
CTL3
CTL2
CTL1
CTL0
LX
CIN
COUT
SC195
4.8mm
3mm
Figure 2 — Recommended PCB Layout
1.
2.
3.
4.
5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com