Electronic Components Datasheet Search
  English  ▼

X  

DS1306 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1306
Description  Serial Alarm Real-Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1306 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1306 Datasheet HTML 4Page - Maxim Integrated Products DS1306 Datasheet HTML 5Page - Maxim Integrated Products DS1306 Datasheet HTML 6Page - Maxim Integrated Products DS1306 Datasheet HTML 7Page - Maxim Integrated Products DS1306 Datasheet HTML 8Page - Maxim Integrated Products DS1306 Datasheet HTML 9Page - Maxim Integrated Products DS1306 Datasheet HTML 10Page - Maxim Integrated Products DS1306 Datasheet HTML 11Page - Maxim Integrated Products DS1306 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DS1306
8 of 22
STATUS REGISTER (READ 10H)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0
0
0
0
0
0
IRQF1
IRQF0
IRQF0 (Interrupt 0 Request Flag) – A logic 1 in the interrupt request flag bit indicates that the current
time has matched the Alarm 0 registers. If the AIE0 bit is also a logic 1, the INT0 pin goes low. IRQF0 is
cleared when the address pointer goes to any of the Alarm 0 registers during a read or write. IRQF0 is
activated when the device is powered by VCC1, VCC2, or VBAT.
IRQF1 (Interrupt 1 Request Flag) – A logic 1 in the interrupt request flag bit indicates that the current
time has matched the Alarm 1 registers. If the AIE1 bit is also a logic 1, the INT1 pin generates a 62.5ms
active-high pulse. IRQF1 is cleared when the address pointer goes to any of the alarm 1 registers during a
read or write. IRQF1 is activated only when the device is powered by VCC2 or VBAT.
TRICKLE CHARGE REGISTER (READ 11H, WRITE 91H)
This register controls the trickle charge characteristics of the DS1306. The simplified schematic of Figure
3 shows the basic components of the trickle charger. The trickle charge select (TCS) bits (bits 4–7)
control the selection of the trickle charger. In order to prevent accidental enabling, only a pattern of 1010
enables the trickle charger. All other patterns disable the trickle charger. The DS1306 powers up with the
trickle charger disabled. The diode select (DS) bits (bits 2–3) select whether one diode or two diodes are
connected between VCC1 and VCC2. The diode select (DS) bits (bits 2–3) select whether one diode or two
diodes are connected between VCC1 and VCC2. The resistor select (RS) bits select the resistor that is
connected between VCC1 and VCC2. The resistor and diodes are selected by the RS and DS bits as shown
in Table 3.
Figure 3. PROGRAMMABLE TRICKLE CHARGER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com