Electronic Components Datasheet Search
  English  ▼

X  

DS1306 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # DS1306
Description  Serial Alarm Real-Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1306 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button DS1306 Datasheet HTML 12Page - Maxim Integrated Products DS1306 Datasheet HTML 13Page - Maxim Integrated Products DS1306 Datasheet HTML 14Page - Maxim Integrated Products DS1306 Datasheet HTML 15Page - Maxim Integrated Products DS1306 Datasheet HTML 16Page - Maxim Integrated Products DS1306 Datasheet HTML 17Page - Maxim Integrated Products DS1306 Datasheet HTML 18Page - Maxim Integrated Products DS1306 Datasheet HTML 19Page - Maxim Integrated Products DS1306 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
DS1306
16 of 22
DC ELECTRICAL CHARACTERISTICS
(TA = Over the operating range, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
ILI
-100
+500
A
Output Leakage
ILO
-1
+1
A
IOL = 1.5mA
VCC = 2.0
0.4
Logic 0 Output
IOL = 4.0mA
VOL
VCC = 5V
0.4
V
IOH = -0.4mA
VCCIF = 2.0V
1.6
Logic 1 Output
IOH = -1.0mA
VOH
VCCIF = 5V
2.4
V
Logic 1 Output Current
(INT1 pin)
IOH,
INT1
(VCC2, VBAT)
-0.3V
-100
A
VCC1 = 2.0V
0.425
VCC1 Active Supply Current
ICC1A
VCC1 = 5V
1.28
mA
2, 7
VCC1 = 2.0V
25.3
VCC1 Timekeeping Current
ICC1T
VCC1 = 5V
81
A
1, 7
VCC2 = 2.0V
0.4
VCC2 Active Supply Current
ICC2A
VCC2 = 5V
1.2
mA
2, 8
VCC2 = 2.0V
0.4
VCC2 Timekeeping Current
ICC2T
VCC2 = 5V
1
A
1, 8
Battery Timekeeping Current
IBAT
VBAT = 3V
550
nA
9
Battery Timekeeping Current
(IND)
IBAT
VBAT = 3V
800
nA
9
VCC Trip Point
VCCTP
VBAT -
50
VBAT +
200
mV
R1
2
R2
4
Trickle Charge Resistors
R3
8
k
Trickle Charger Diode Voltage
Drop
VTD
0.7
V
CAPACITANCE
(TA = +25C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CI
10
pF
Output Capacitance
CO
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com