Electronic Components Datasheet Search
  English  ▼

X  

DS1306 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1306
Description  Serial Alarm Real-Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1306 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1306 Datasheet HTML 5Page - Maxim Integrated Products DS1306 Datasheet HTML 6Page - Maxim Integrated Products DS1306 Datasheet HTML 7Page - Maxim Integrated Products DS1306 Datasheet HTML 8Page - Maxim Integrated Products DS1306 Datasheet HTML 9Page - Maxim Integrated Products DS1306 Datasheet HTML 10Page - Maxim Integrated Products DS1306 Datasheet HTML 11Page - Maxim Integrated Products DS1306 Datasheet HTML 12Page - Maxim Integrated Products DS1306 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DS1306
9 of 22
Table 3. TRICKLE CHARGER RESISTOR AND DIODE SELECT
TCS
Bit 7
TCS
Bit 6
TCS
Bit 5
TCS
Bit 4
DS
Bit 3
DS
Bit 2
RS
Bit 1
RS
Bit 0
FUNCTION
X
X
X
X
X
X
0
0
Disabled
X
X
X
X
0
0
X
X
Disabled
X
X
X
X
1
1
X
X
Disabled
1
0
1
0
0
1
0
1
1 Diode, 2kΩ
1
0
1
0
0
1
1
0
1 Diode, 4kΩ
1
0
1
0
0
1
1
1
1 Diode, 8kΩ
1
0
1
0
1
0
0
1
2 Diodes, 2kΩ
1
0
1
0
1
0
1
0
2 Diodes, 4kΩ
1
0
1
0
1
0
1
1
2 Diodes, 8kΩ
0
1
0
1
1
1
0
0
Initial power-on state
If RS is 00, the trickle charger is disabled independently of TCS.
Diode and resistor selection is determined by the user according to the maximum current desired for
battery or super cap charging. The maximum charging current can be calculated as illustrated in the
following example. Assume that a system power supply of 5V is applied to VCC1 and a super cap is
connected to VCC2. Also assume that the trickle charger has been enabled with one diode and resister R1
between VCC1 and VCC2. The maximum current IMAX would, therefore, be calculated as follows:
IMAX = (5.0V - diode drop) / R1  (5.0V - 0.7V) / 2kΩ  2.2mA
As the super cap charges, the voltage drop between VCC1 and VCC2 decreases and, therefore, the charge
current decreases.
POWER CONTROL
Power is provided through the VCC1, VCC2, and VBAT pins. Three different power supply configurations
are illustrated in Figure 4. Configuration 1 shows the DS1306 being backed up by a non-rechargeable
energy source such as a lithium battery. In this configuration, the system power supply is connected to
VCC1 and VCC2 is grounded. When VCC falls below VBAT the device switches into a low-current battery
backup mode. Upon power-up, the device switches from VBAT to VCC when VCC is greater than
VBAT + 0.2V. The device is write-protected whenever it is switched to VBAT.
Configuration 2 illustrates the DS1306 being backed up by a rechargeable energy source. In this case, the
VBAT pin is grounded, VCC1 is connected to the primary power supply, and VCC2 is connected to the
secondary supply (the rechargeable energy source). The DS1306 operates from the larger of VCC1 or
VCC2. When VCC1 is greater than VCC2 + 0.2V (typical), VCC1 powers the DS1306. When VCC1 is less than
VCC2, VCC2 powers the DS1306. The DS1306 does not write-protect itself in this configuration.
Configuration 3 shows the DS1306 in battery-operate mode, where the device is powered only by a single
battery. In this case, the VCC1 and VBAT pins are grounded and the battery is connected to the VCC2 pin.
Only these three configurations are allowed. Unused supply pins must be grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com