Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6801 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC6801 Datasheet HTML 14Page - Linear Technology LTC6801 Datasheet HTML 15Page - Linear Technology LTC6801 Datasheet HTML 16Page - Linear Technology LTC6801 Datasheet HTML 17Page - Linear Technology LTC6801 Datasheet HTML 18Page - Linear Technology LTC6801 Datasheet HTML 19Page - Linear Technology LTC6801 Datasheet HTML 20Page - Linear Technology LTC6801 Datasheet HTML 21Page - Linear Technology LTC6801 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC6801
18
6801p
Self Test Pins
The SLT pin is used to initiate a self test. It is configured
as an open collector input/output. The pin should be nor-
mally tied to VREG with a resistor greater than or equal to
100k or floated. The pin may be pulled low at any time to
initiate a self test cycle.
The device will automatically initiate a self test if SLT has
not been externally activated for 1024 measurement cycles,
and pull down the SLT pin internally to indicate that it is
in self test mode.
The SLTOK pin is a simple logic output. If the previous self
test failed the output is held low, otherwise the output will
be high. The SLTOK pin is high upon power-up. The SLTOK
output can be connected to a microcontroller through an
isolation path.
The LTC6801 status output will remain active while the
SLTOK pin is low. The LTC6801 will continue to monitor
cells if the self test fails. If the next self test passes, the
SLTOK output returns high.
Reference and Comparator Verification
A secondary internal bandgap voltage reference (REF2)
is included in the LTC6801 to aid in verification of the
reference and comparator. During the self test cycle, the
comparator and main reference are used to measure the
REF2 voltage.
To verify the comparator functionality, the upper and
lower thresholds are first set in a close window around
the expected REF2 voltage and the comparator output is
verified. Then the upper threshold is set below the REF2
voltage and the comparator output is verified again. Lastly,
the lower threshold is set above the REF2 voltage and the
comparator output is verified a third time.
The self test guarantees that VREF is within 5% of the
specified nominal value. Also, this test guarantees the
analog portion of the ADC is working.
High Voltage Multiplexer Verification
The most dangerous failure mode of the high voltage
multiplexer would be a stuck bit condition in the address
decoder. Such a fault would cause some channels to be
measured repeatedly while other channels are skipped.
A skipped channel could mean a bad cell reading is not
detectable. Other multiplexer failures, like the simultaneous
selection of multiple channels, or shorts in the signal path,
would result in an undervoltage or overvoltage condition
on at least one of the channels.
The LTC6801 incorporates circuitry to ensure that
all requested channels are measured during each
measurement cycle and none are skipped. If a channel is
skipped, an error is flagged during the self test cycle.
ADC Decimation Filter Verification
The ADC decimation filter test verifies that the digital cir-
cuits in the ADC are working, i.e. there are no stuck bits
in the ADC output register. During each self test cycle,
the LTC6801 feeds two test waveforms into the ADC. The
internally generated waveforms were designed to generate
complementary zebra patterns (alternating 0’s and 1’s) at
the ADC output. If either of the waveforms generates an
incorrect output value, an error is flagged during the self
test cycle.
Open Cell Connection Detection
The open connection detection algorithm ensures that an
open circuit is not misinterpreted as a valid cell reading.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com