Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6801 Datasheet(HTML) 3 Page - Linear Technology

  LTC6801 Datasheet HTML 1Page - Linear Technology LTC6801 Datasheet HTML 2Page - Linear Technology LTC6801 Datasheet HTML 3Page - Linear Technology LTC6801 Datasheet HTML 4Page - Linear Technology LTC6801 Datasheet HTML 5Page - Linear Technology LTC6801 Datasheet HTML 6Page - Linear Technology LTC6801 Datasheet HTML 7Page - Linear Technology LTC6801 Datasheet HTML 8Page - Linear Technology LTC6801 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC6801
3
6801p
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, V+ = 43.2V, V– = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Specifications
VERR
Measurement Error
VCELL > 0.8V, 10V < V+ < 50V
VCELL > 0.8V, 10V < V+ < 50V
VCELL ≤ 0.8V, 10V < V+ < 50V
VCELL ≤ 0.8V, 10V < V+ < 50V
l
l
–0.5
–1
–1.5
–2
0.5
1
1.5
2
%
%
%
%
VCELL
Cell Voltage Range
Full Scale Voltage Range
5
V
VCM
Common Mode Voltage Range Measured
Relative to V–
VERR Specifications Met
Range of Inputs Cn, n = 3 to 11
Range of Input C2
Range of Input C1
l
l
l
1.8
1.2
0
5 • n
10
5
V
V
V
VOV
Overvoltage (OV) Detection Level
Programmed for 4.128V, Increasing VCELL,
10V < V+ < 50V
l
4.079
4.120
4.161
V
VUV
Undervoltage (UV) Detection Level
Programmed for 2.112V, Decreasing VCELL,
10V < V+ < 50V
l
2.087
2.108
2.129
V
VTV
Temperature Input Detection Level Error
(Relative to VREF/2)
10V < V+ < 50V
l
–18
12
mV
HYS
UV/OV Detection Hysteresis Error
(Relative to Selected Value)
10V < V+ < 50V
l
–25
25
%
VREF
Reference Pin Voltage
VREF Pin Loaded With 100k to V–
l
3.043
3.038
3.058
3.058
3.073
3.078
V
V
Reference Voltage Temperature Coefficient
5
ppm/˚C
Reference Voltage Hysteresis
50
ppm
Reference Voltage Long Term Drift
60
ppm/√khr
VREG
Regulator Pin Voltage
10 < VS < 50, No Load
10 < VS < 50, ILOAD = 4mA
l
l
4.5
4.1
5
4.8
5.5
V
V
Regulator Pin Short Circuit Current Limit
l
59
mA
VS
Supply Voltage, V+ Relative to V–
VERR Specifications Met
l
10
50
V
IB
Input Bias Current
In/Out of Pins C1 Thru C12
When Measuring Cells During Self Test
When Measuring Cells
When Idle
l
–10
100
1
10
μA
μA
nA
IM
Supply Current, Monitor Mode
Current Into the V+ Pin While Monitoring
for UV and OV Conditions, FENA = 10kHz
Continuous Monitoring
Monitor Every 130ms
Monitor Every 500ms
l
500
700
200
90
1000
μA
μA
μA
IQS
Supply Current, Idle
Current into the V+ Pin When Idle, FENA = 0 l
20
30
40
μA
LTC6801 Timing Specifications
TCYCLE
Measurement Cycle Time
DC = CC1 = CC0 = VREG
l
13.5
15.5
17.5
ms
FENA
Valid EIN/EIN Frequency
l
250
kHz
TENA
Valid EIN/EIN Period = 1/ FENA
l
20
500
μs
DCENA
Valid EIN/EIN Duty Cycle
FENA = 50kHz
l
40
60
%
LTC6801 Single Ended Digital I/O Specifications (SLT, SLTOK Pins)
VIH
Digital Input Voltage High
SLT Pin
l
2V
VIL
Digital Input Voltage Low
SLT Pin
l
0.5
V
VODL
Digital Output Voltage Low, Open Drain
SLT Pin, 10k to VREG
l
0.3
V
VOH
Digital Output Voltage High
SLTOK Pin, 10k to V–
l VREG– 0.3
V
VOL
Digital Output Voltage Low
SLTOK Pin, 10k to VREG
l
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com