Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6801 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6801 Datasheet HTML 2Page - Linear Technology LTC6801 Datasheet HTML 3Page - Linear Technology LTC6801 Datasheet HTML 4Page - Linear Technology LTC6801 Datasheet HTML 5Page - Linear Technology LTC6801 Datasheet HTML 6Page - Linear Technology LTC6801 Datasheet HTML 7Page - Linear Technology LTC6801 Datasheet HTML 8Page - Linear Technology LTC6801 Datasheet HTML 9Page - Linear Technology LTC6801 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC6801
6
6801p
17.0
16.5
15.5
14.5
16.0
15.0
14.0
–40
20
95
–10
50
110 125
580
–25
35
65
TEMPERATURE (°C)
6801 G11
V+ = 60V
V+ = 10V
CONTINUOUS MEAS MODE
CC1 = CC0 = VREG
EXTERNAL SERIES RESISTANCE, RS (kΩ)
0
4.0
0.5
3.5
2.5
1.5
3.0
2.0
1.0
0
6801 G10
10
8
26
4
–40°C
RS IN SERIES WITH Cn AND Cn-1
10nF FROM Cn, Cn-1 TO V–
85°C
25°C
TYPICAL PERFORMANCE CHARACTERISTICS
VREF Load Regulation
Cell Input Bias Current, Idle Mode
Cell Voltage Measurement
Hysteresis
VREF Line Regulation
UV/OV Detection Level Error
Measurement Cycle Time
Cell Input Bias Current when
Measuring
VREF Output Voltage
VREG Line Regulation
CELL VOLTAGE (V)
0
12
10
6
2
8
4
0
–2
6801 G14
5
4
13
2
UNDERVOLTAGE
DETECTED
OVERVOLTAGE DETECTED
UV THRESHOLD = 2.108V
OV THRESHOLD = 4.120V
HYST = VREG
8.0
7.5
6.5
4.5
7.0
6.0
4.0
5.5
5.0
–40
20
95
–10
50
110 125
580
–25
35
65
TEMPERATURE (°C)
6801 G12
CELL INPUT = 3.6V
50
40
20
30
10
–10
0
–40
20
95
–10
50
110 125
580
–25
35
65
TEMPERATURE (°C)
6801 G13
CELL INPUT = 3.6V
C2 TO C11
VTEMP1, VTEMP2
C12
C1
V+ (V)
10
3.070
3.065
3.060
3.055
3.050
6801 G15
60
50
20
40
30
NO LOAD
–40°C
85°C
25°C
–40
20
95
–10
50
110 125
580
–25
35
65
TEMPERATURE (°C)
3.070
3.065
3.060
3.055
3.050
6801 G16
NO LOAD
5 TYPICAL UNITS
V+ (V)
10
5.5
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
4.6
4.5
6801 G17
60
50
20
40
30
IDLE MODE
NO LOAD
–40°C
25°C
85°C
0
100
200
300
50
150
250
ILOAD (μA)
3.070
3.065
3.060
3.055
3.050
6801 G20
–40°C
85°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com