Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6801 Datasheet(HTML) 5 Page - Linear Technology

  LTC6801 Datasheet HTML 1Page - Linear Technology LTC6801 Datasheet HTML 2Page - Linear Technology LTC6801 Datasheet HTML 3Page - Linear Technology LTC6801 Datasheet HTML 4Page - Linear Technology LTC6801 Datasheet HTML 5Page - Linear Technology LTC6801 Datasheet HTML 6Page - Linear Technology LTC6801 Datasheet HTML 7Page - Linear Technology LTC6801 Datasheet HTML 8Page - Linear Technology LTC6801 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC6801
5
6801p
V+ (V)
10
800
620
780
740
700
660
760
720
680
640
600
6801 G01
60
50
20
40
30
DC PIN TIED TO VREG
fENA = 10kHz
–40°C
25°C
85°C
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current, Monitor Mode
Supply Current, Monitor Mode
Supply Current, Idle Mode
Supply Current, Monitor Mode
Supply Current, Monitor Mode
Supply Current, Idle Mode
UV Detection Level Error
0V Detection Level Error
Supply Current
V+ (V)
10
250
200
150
100
50
0
6801 G02
60
50
20
40
30
CC1 = CC0 = VREG
fENA = 10kHz
DC PIN = V–
DC PIN = VREF
85°C
25°C
–40°C
V+ (V)
10
40
5
35
25
15
30
20
10
0
6801 G03
60
50
20
40
30
–40°C
25°C
85°C
–40
20
95
–10
50
110 125
580
–25
35
65
TEMPERATURE (°C)
800
620
780
740
700
660
760
720
680
640
600
6801 G04
DC PIN TIED TO VREG
fENA = 10kHz
V+ = 60V
V+ = 35V
V+ = 10V
–40
20
95
–10
50
110 125
580
–25
35
65
TEMPERATURE (°C)
250
200
150
100
50
0
6801 G05
CC1 = CC0 = VREG
fENA = 10kHz
DC PIN = V–
DC PIN = VREF
V+ = 60V
V+ = 35V
V+ = 10V
40
5
35
25
15
30
20
10
0
–40
20
95
–10
50
110 125
580
–25
35
65
TEMPERATURE (°C)
6801 G06
V+ = 60V
V+ = 35V
V+ = 10V
–40
20
95
–10
50
110 125
580
–25
35
65
TEMPERATURE (°C)
1.0
–0.8
0.8
0.4
0
–0.4
0.6
0.2
–0.2
–0.6
–1.0
6801 G07
V+ = 43.2V
UV = 2.108V
5 TYPICAL UNITS
–40
20
95
–10
50
110 125
580
–25
35
65
TEMPERATURE (°C)
1.0
–0.8
0.8
0.4
0
–0.4
0.6
0.2
–0.2
–0.6
–1.0
6801 G08
V+ = 43.2V
OV = 4.120V
5 TYPICAL UNITS
1
10
100
fENA (kHz)
800
620
780
740
700
660
760
720
680
640
600
6801 G09
V+ = 43.2V
CONTINUOUS MEAS MODE
–40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com