Electronic Components Datasheet Search
  English  ▼

X  

TPS62230 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62230
Description  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62230 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62230 Datasheet HTML 3Page - Texas Instruments TPS62230 Datasheet HTML 4Page - Texas Instruments TPS62230 Datasheet HTML 5Page - Texas Instruments TPS62230 Datasheet HTML 6Page - Texas Instruments TPS62230 Datasheet HTML 7Page - Texas Instruments TPS62230 Datasheet HTML 8Page - Texas Instruments TPS62230 Datasheet HTML 9Page - Texas Instruments TPS62230 Datasheet HTML 10Page - Texas Instruments TPS62230 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
0
10
20
30
40
50
60
70
80
90
100
MODE=GND,
V
=2.5V,
L =2.2 H(LQM2HPN2R2MJ0)
C
=4.7 F
OUT
OUT
m
m
V
=5V
IN
V
=2.9V
IN
V
=3.6V
IN
V
=4.2V
IN
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
-OutputCurrent-mA
O
V
=5V
IN
V
=2.9V
IN
V
=3.6V
IN
MODE=V ,
V
=2.5V,
L =2.2 H(LQM2HPN2R2MJ0)
C
=4.7 F
IN
OUT
OUT
m
m
V
=4.2V
IN
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
-OutputCurrent-mA
O
MODE=V ,
V
=1.8V,
L =2.2 H(MIPSA25202R2),
C
=4.7 F
IN
OUT
OUT
m
m
V
=5V
IN
V
=2.3V
IN
V
=3.6V
IN
V
=4.2V
IN
V
=2.7V
IN
V
=3.3V
IN
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=5V
IN
V
=2.7V
IN
V
=3.6V
IN
V
=4.2V
IN
MODE=GND,
V
=1.8V,
L =2.2 H(MIPSA25202R2),
C
=4.7 F
OUT
OUT
m
m
V
=3.3V
IN
V
=2.3V
IN
TPS62230, TPS62231, TPS62232, TPS62233
TPS62234, TPS62235, TPS62236, TPS62237
TPS62238, TPS62239, TPS622310, TPS622311
www.ti.com
SLVS941B – APRIL 2009 – REVISED DECEMBER 2009
TYPICAL CHARACTERISTICS (continued)
Figure 1. Efficiency PFM/PWM Mode 2.5V Output Voltage
Figure 2. Efficiency Forced PWM Mode 2.5V Output Voltage
Figure 3. Efficiency PFM/PWM MODE 1.8V Output Voltage
Figure 4. Efficiency Forced PWM Mode 1.8V Output voltage
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com