Electronic Components Datasheet Search
  English  ▼

X  

TPS62230 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62230
Description  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62230 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62230 Datasheet HTML 17Page - Texas Instruments TPS62230 Datasheet HTML 18Page - Texas Instruments TPS62230 Datasheet HTML 19Page - Texas Instruments TPS62230 Datasheet HTML 20Page - Texas Instruments TPS62230 Datasheet HTML 21Page - Texas Instruments TPS62230 Datasheet HTML 22Page - Texas Instruments TPS62230 Datasheet HTML 23Page - Texas Instruments TPS62230 Datasheet HTML 24Page - Texas Instruments TPS62230 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TPS62230, TPS62231, TPS62232, TPS62233
TPS62234, TPS62235, TPS62236, TPS62237
TPS62238, TPS62239, TPS622310, TPS622311
www.ti.com
SLVS941B – APRIL 2009 – REVISED DECEMBER 2009
UNDER VOLTAGE LOCKOUT
The under voltage lockout circuit prevents the device from misoperation at low input voltages. It prevents the
converter from turning on the switch or rectifier MOSFET under undefined conditions. The TPS6223X devices
have a UVLO threshold set to 1.8V (typical). Fully functional operation is permitted for input voltage down to the
falling UVLO threshold level. The converter starts operation again once the input voltage trips the rising UVLO
threshold level.
SOFT START
The TPS6223X has an internal soft-start circuit that controls the ramp up of the output voltage and limits the
inrush current during start-up. This limits input voltage drops when a battery or a high-impedance power source
is connected to the input of the converter.
The soft-start system generates a monotonic ramp up of the output voltage and reaches the nominal output
voltage typically 100
μs after EN pin was pulled high.
Should the output voltage not have reached its target value by this time, such as in the case of heavy load, the
converter then operates in a current limit mode set by its switch current limits.
TPS6223X is able to start into a pre-biased output capacitor. The converter starts with the applied bias voltage
and ramps the output voltage to its nominal value.
ENABLE / SHUTDOWN
The device starts operation when EN is set high and starts up with the soft start as previously described. For
proper operation, the EN pin must be terminated and must not be left floating.
Pulling the EN pin low forces the device into shutdown, with a shutdown quiescent current of typically 0.1
μA. In
this mode, the P and N-channel MOSFETs are turned off, the internal resistor feedback divider is disconnected,
and the entire internal-control circuitry is switched off.
The EN input can be used to control power sequencing in a system with various DC/DC converters. The EN pin
can be connected to the output of another converter, to drive the EN pin high and getting a sequencing of supply
rails.
SHORT-CIRCUIT PROTECTION
The TPS6223X integrates a High Side and Low Side MOSFET current limit to protect the device against heavy
load or short circuit. The current in the switches is monitored by current limit comparators. When the current in
the P-channel MOSFET reaches its current limit, the P-channel MOSFET is turned off and the N-channel
MOSFET is turned on to ramp down the current in the inductor. The High Side MOSFET switch can only turn on
again, once the current in the Low Side MOSFET switch has decreased below the threshold of its current limit
comparator.
THERMAL SHUTDOWN
As soon as the junction temperature, TJ, exceeds 150°C (typical) the device goes into thermal shutdown. In this
mode, the High Side and Low Side MOSFETs are turned-off. The device continues its operation when the
junction temperature falls below the thermal shutdown hysteresis.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com