Electronic Components Datasheet Search
  English  ▼

X  

TPS62230 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62230
Description  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62230 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62230 Datasheet HTML 12Page - Texas Instruments TPS62230 Datasheet HTML 13Page - Texas Instruments TPS62230 Datasheet HTML 14Page - Texas Instruments TPS62230 Datasheet HTML 15Page - Texas Instruments TPS62230 Datasheet HTML 16Page - Texas Instruments TPS62230 Datasheet HTML 17Page - Texas Instruments TPS62230 Datasheet HTML 18Page - Texas Instruments TPS62230 Datasheet HTML 19Page - Texas Instruments TPS62230 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
V
=1.8V
20mV/div
OUT
t-Time-1 ms/div
MODE:0Vto3.6V
2V/div
I
200mA/div
COIL
V
2V/div
SW
PFMModeOperation
ForcedPWM
ModeOperation
C
=4.7 F
L =1 H
V
=3.6V,
IN
OUT
m
m
I
=10mA
OUT
V
=1.8V
20mV/div
OUT
C
=4.7
F
L =2.2
H
MODE=V
OUT
IN
m
m
I
=50mA
OUT
t-Time-100 ms/div
V
=3.6Vto4.2V
200mV/div
IN
V
=2.5V
50mV/div
OUT
I
=5mA to200mA
sinusoidal
100mA/div
OUT
I
200mA/div
L
V
=3.6V
C
=4.7
F
L =2.2
H
MODE=GND
IN
OUT
m
m
t-Time-5 ms/div
V
=2.5V
50mV/div
OUT
I
=5mA to200mA
sinusoidal
100mA/Div
OUT
I
200mA/div
L
V
=3.6V
C
=4.7
F
L =2.2
H
MODE=V
IN
OUT
IN
m
m
t-Time-5 ms/div
TPS62230, TPS62231, TPS62232, TPS62233
TPS62234, TPS62235, TPS62236, TPS62237
TPS62238, TPS62239, TPS622310, TPS622311
SLVS941B – APRIL 2009 – REVISED DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 37. Line Transient Response PWM Mode
Figure 38. Mode Transition PFM / Forced PWM Mode
Figure 39. AC – Load Regulation Performance 2.5V VOUT PFM
Figure 40. AC – Load Regulation Performance 2.5V VOUT PWM
Mode
Mode
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com