Electronic Components Datasheet Search
  English  ▼

X  

TPS62230 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62230
Description  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62230 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS62230 Datasheet HTML 13Page - Texas Instruments TPS62230 Datasheet HTML 14Page - Texas Instruments TPS62230 Datasheet HTML 15Page - Texas Instruments TPS62230 Datasheet HTML 16Page - Texas Instruments TPS62230 Datasheet HTML 17Page - Texas Instruments TPS62230 Datasheet HTML 18Page - Texas Instruments TPS62230 Datasheet HTML 19Page - Texas Instruments TPS62230 Datasheet HTML 20Page - Texas Instruments TPS62230 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
V
=1.8V
50mV/div
OUT
I
=5mA to150mA,50kHz
sinusoidal100mA/div
OUT
I
200mA/div
L
V
=3.6V
C
=4.7 F
L =2.2 H
MODE=GND
IN
OUT
m
m
t-Time-4 ms/div
V
=2.5V
50mV/div
OUT
I
=5mA to200mA
100mA/div
OUT
I
200mA/div
L
V
=3.6V
C
=4.7
F
L =1
H
MODE=GND
IN
OUT
m
m
t-Time-5 ms/div
V
=1.8V
50mV/div
OUT
I
= 5 mA to 150 mA
1 0 0 m A / d i v
O U T
I
200mA/div
L
V
=3.6V
C
=4.7
F
L =2.2
H
MODE=GND
IN
OUT
m
m
t-Time-10 ms/div
V
=2.5V
50mV/div
OUT
I
=5mA to200mA
100mA/div
OUT
I
200mA/div
L
V
=3.6V
C
=4.7
F
L =1
H
MODE=V
IN
OUT
IN
m
m
t-Time-5 ms/div
TPS62230, TPS62231, TPS62232, TPS62233
TPS62234, TPS62235, TPS62236, TPS62237
TPS62238, TPS62239, TPS622310, TPS622311
www.ti.com
SLVS941B – APRIL 2009 – REVISED DECEMBER 2009
TYPICAL CHARACTERISTICS (continued)
Figure 41. AC – Load Regulation Performance 1.8V VOUT PFM
Figure 42. Load Transient Response 5mA to 200mA PFM to
Mode
PWM Mode, VOUT 2.5V
Figure 43. Load Transient Response 5mA to 200mA, Forced
Figure 44. Load Transient Response 5mA to 150mA, PFM to
PWM Mode, VOUT 2.5V
PWM Mode, VOUT 1.8V
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com