Electronic Components Datasheet Search
  English  ▼

X  

TPS62230 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62230
Description  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62230 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS62230 Datasheet HTML 23Page - Texas Instruments TPS62230 Datasheet HTML 24Page - Texas Instruments TPS62230 Datasheet HTML 25Page - Texas Instruments TPS62230 Datasheet HTML 26Page - Texas Instruments TPS62230 Datasheet HTML 27Page - Texas Instruments TPS62230 Datasheet HTML 28Page - Texas Instruments TPS62230 Datasheet HTML 29Page - Texas Instruments TPS62230 Datasheet HTML 30Page - Texas Instruments TPS62230 Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS62230DRYR
SON
DRY
6
5000
220.0
205.0
50.0
TPS62230DRYT
SON
DRY
6
250
220.0
205.0
50.0
TPS62231DRYR
SON
DRY
6
5000
220.0
205.0
50.0
TPS62231DRYT
SON
DRY
6
250
220.0
205.0
50.0
TPS62232DRYR
SON
DRY
6
5000
220.0
205.0
50.0
TPS62232DRYT
SON
DRY
6
250
220.0
205.0
50.0
TPS62233DRYR
SON
DRY
6
5000
220.0
205.0
50.0
TPS62233DRYT
SON
DRY
6
250
220.0
205.0
50.0
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Dec-2009
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com