Electronic Components Datasheet Search
  English  ▼

X  

AP7168 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7168
Description  1.2A LOW DROPOUT REGULATOR WITH POK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7168 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7168 Datasheet HTML 1Page - Diodes Incorporated AP7168 Datasheet HTML 2Page - Diodes Incorporated AP7168 Datasheet HTML 3Page - Diodes Incorporated AP7168 Datasheet HTML 4Page - Diodes Incorporated AP7168 Datasheet HTML 5Page - Diodes Incorporated AP7168 Datasheet HTML 6Page - Diodes Incorporated AP7168 Datasheet HTML 7Page - Diodes Incorporated AP7168 Datasheet HTML 8Page - Diodes Incorporated AP7168 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP7168
1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
5 of 11
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Output Voltage vs. Temperature
3.20
3.25
3.30
3.35
3.40
-50
-25
0
25
50
75
100
125
Temperature (
0C)
VOUT = 3.3V
Output Voltage vs. Tem perature
1.10
1.15
1.20
1.25
1.30
-50
-25
0
25
50
75
100
125
Tem perature (0C)
VOUT = 1.2V
Quiescent Current vs. Input Voltage
80
95
110
125
140
155
170
4.0
4.3
4.6
4.9
5.2
5.5
Input Voltage (V)
Iout=0mA
Iout=500mA
Quiescent Current vs. I
OUT
100
110
120
130
140
150
160
170
0.00.20.40.6
0.81.01.2
I
OUT (A)
VIN=2.5V
VIN=3.3V
Quiescent Current vs. Tem perature
80
95
110
125
140
155
170
-50.0
-25.0
0.0
25.0
50.0
75.0
100.0
125.0
Tem perature (0C)
VIN=2.2V, Vout=1.0V
VIN=3.3V, Vout=1.8V
VIN=5.0V, Vout=3.3V
Reference Voltage vs. Temperature
0.790
0.795
0.800
0.805
0.810
-50
-25
0
25
50
75
100
125
Temperature (
0C)
Vin=2.2V
Vin=3.3V
Vin=5.5V
VOUT=1.8V
VOUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com