Electronic Components Datasheet Search
  English  ▼

X  

AP7168 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP7168
Description  1.2A LOW DROPOUT REGULATOR WITH POK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7168 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP7168 Datasheet HTML 3Page - Diodes Incorporated AP7168 Datasheet HTML 4Page - Diodes Incorporated AP7168 Datasheet HTML 5Page - Diodes Incorporated AP7168 Datasheet HTML 6Page - Diodes Incorporated AP7168 Datasheet HTML 7Page - Diodes Incorporated AP7168 Datasheet HTML 8Page - Diodes Incorporated AP7168 Datasheet HTML 9Page - Diodes Incorporated AP7168 Datasheet HTML 10Page - Diodes Incorporated AP7168 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AP7168
1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
7 of 11
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Line Transient Response
Time (5ms/div)
Line Transient Response
Time (500us/div)
Output Load Transient Response (VOUT=1.8V)
Time (100us/div)
Output Load Transient Response (VOUT=3.3V)
Time (100us/div)
Start-up Time (VOUT=1.2V, IOUT=0.1A)
Time (50us/div)
Start-up Time (VOUT=1.2V, IOUT=1.2A)
Time (50us/div)
VIN
2V/div
VOUT
50mV/div
VIN =3V to 5.5V
COUT =10uF
(Ceramic)
COUT=470uF (electrolytic)
100mV/div
500mA/div
50mA
1.2A
1A/us
COUT=10uF (Ceramic)
COUT=1uF (Ceramic)
VOUT
IOU
VIN
2V/div
VOUT
50mV/div
VIN =5.5V to 3V
COUT =10uF
(Ceramic)
COUT=470uF (electrolytic)
100mV/div
500mA/div
50mA
1.2A
1A/us
COUT=10uF (Ceramic)
COUT=1uF (Ceramic)
VOUT
IOU
VEN
2V/div
VOUT
1V/div
VPOK
2V/div
COUT=10uF
VEN
2V/div
VOUT
1V/div
VPOK
2V/div
COUT=10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com