Electronic Components Datasheet Search
  English  ▼

X  

AP7168 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7168
Description  1.2A LOW DROPOUT REGULATOR WITH POK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7168 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7168 Datasheet HTML 3Page - Diodes Incorporated AP7168 Datasheet HTML 4Page - Diodes Incorporated AP7168 Datasheet HTML 5Page - Diodes Incorporated AP7168 Datasheet HTML 6Page - Diodes Incorporated AP7168 Datasheet HTML 7Page - Diodes Incorporated AP7168 Datasheet HTML 8Page - Diodes Incorporated AP7168 Datasheet HTML 9Page - Diodes Incorporated AP7168 Datasheet HTML 10Page - Diodes Incorporated AP7168 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AP7168
1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 0.1
9 of 11
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Application Note
(Continued)
No Load Stability
Other than external resistor divider, no minimum load is
required to keep the device stable. The device will
remain stable and regulated in no load condition.
ENABLE/SHUTDOWN Operation
The AP7168 is turned on by setting the EN pin high, and
is turned off by pulling it low. If this feature is not used,
the EN pin should be tied to IN pin to keep the regulator
output on at all time. To ensure proper operation, the
signal source used to drive the EN pin must be able to
swing above and below the specified turn-on/off voltage
thresholds listed in the Electrical Characteristics section
under VIL and VIH.
POWER-OK
The Power-Ok (POK) pin is an active high open-drain
output. It can be connected to any 5.5V or lower rail
through
an
external
pull-up
resistor.
The
recommended sink current of POK pin is up to 4mA, so
the pull-up resistor for POK should be in the range of
10k
Ω to 1MΩ. If output voltage monitoring is not needed,
the POK pin can be left floating.
Current Limit Protection
When output current at OUT pin is higher than current
limit threshold, the current limit protection will be
triggered and clamp the output current to approximately
1.6A (1.2A min) to prevent over-current and to protect
the regulator from damage due to overheating.
Short Circuit Protection
When OUT pin is short-circuited to GND or OUT pin
voltage is less than 200mV, short circuit protection will
be
triggered
and
clamp
the
output
current
to
approximately
750mA.
This
feature
protects
the
regulator
from
over-current
and
damage
due
to
overheating.
Low Quiescent Current
The AP7168, consuming only around 150µA for all input
range and output loading, provides great power saving
in portable and low power applications.
Wide Output Range
The AP7168, with a wide output range of 0.8V to 5.0V,
provides a versatile solution for many portable and low
power applications.
Thermal Shutdown Protection
Thermal protection disables the output when the
junction temperature rises to approximately +145°C,
allowing the device to cool down. When the junction
temperature reduces to approximately +120°C the
output circuitry is enabled again. Depending on power
dissipation,
thermal
resistance,
and
ambient
temperature, the thermal protection circuit may cycle on
and off. This cycling limits the heat dissipation of the
regulator, protecting it from damage due to overheating.
Power Dissipation
The device power dissipation and proper sizing of the
thermal plane that is connected to the thermal pad is
critical to avoid thermal shutdown and ensuring reliable
operation. Power dissipation of the device depends on
input voltage and load conditions and can be calculated
by:
OUT
OUT
IN
D
xI
)
V
V
(
P
−
=
The AP7168 is available in the SOP-8L-EP packages,
both with exposed pad, which is the primary conduction
path for heat to the printed circuit board (PCB). The pad
can be connected to ground or be left floating; however,
to ensure the device will not overheat, it should be
attached to an appropriate amount of copper PCB area.
However, the maximum power dissipation that can be
handled by the device depends on the maximum
junction to ambient thermal resistance, maximum
ambient temperature, and maximum device junction
temperature, which can be approximated by the
equation below:
JA
A
A
D
R
)
T
C
150
(
)
T
(max@
P
θ
−
°
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com