Electronic Components Datasheet Search
  English  ▼

X  

AP7168 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP7168
Description  1.2A LOW DROPOUT REGULATOR WITH POK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7168 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP7168 Datasheet HTML 2Page - Diodes Incorporated AP7168 Datasheet HTML 3Page - Diodes Incorporated AP7168 Datasheet HTML 4Page - Diodes Incorporated AP7168 Datasheet HTML 5Page - Diodes Incorporated AP7168 Datasheet HTML 6Page - Diodes Incorporated AP7168 Datasheet HTML 7Page - Diodes Incorporated AP7168 Datasheet HTML 8Page - Diodes Incorporated AP7168 Datasheet HTML 9Page - Diodes Incorporated AP7168 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP7168
1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
6 of 11
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Line Regulation
-0.10
-0.05
0.00
0.05
0.10
3.0
3.5
4.0
4.5
5.0
5.5
V
IN (V )
25°C
85°C
-40°C
Load Regulation
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.4
0.8
1.2
I
OUT (A)
25°C
85°C
-40°C
Short Circuit Current vs. Input Voltage
0.69
0.70
0.71
0.72
0.73
0.74
0.75
0.76
0.77
2.2
2.4
2.6
2.8
3
3.2
3.4
Input Voltage (V)
Short Circuit Current vs. Temperature
0.60
0.65
0.70
0.75
0.80
-50
-25
0
25
50
75
Temperature (
oC)
Dropout Voltage vs. IOUT
0
100
200
300
400
500
600
700
0
0.2
0.4
0.6
0.8
1
1.2
IOUT(A)
25°C
85°C
-40°C
PSRR
-80
-75
-70
-65
-60
-55
-50
-45
-40
100
1000
10000
100000
Frequency (Hz)
VOUT=1.8V, IOUT=1mA
VIN=2.2V, VOUT=1.2V,
VOUT=1.2V
VOUT=1.2V
VOUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com