Electronic Components Datasheet Search
  English  ▼

X  

AP7168 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7168
Description  1.2A LOW DROPOUT REGULATOR WITH POK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7168 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7168 Datasheet HTML 1Page - Diodes Incorporated AP7168 Datasheet HTML 2Page - Diodes Incorporated AP7168 Datasheet HTML 3Page - Diodes Incorporated AP7168 Datasheet HTML 4Page - Diodes Incorporated AP7168 Datasheet HTML 5Page - Diodes Incorporated AP7168 Datasheet HTML 6Page - Diodes Incorporated AP7168 Datasheet HTML 7Page - Diodes Incorporated AP7168 Datasheet HTML 8Page - Diodes Incorporated AP7168 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP7168
1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
1 of 11
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
•
Wide input voltage range: 2.2V – 5.5V
•
230mV very low dropout at 500mA load
•
500mV very low dropout at 1A load
•
Very low quiescent current (IQ): 125µA typical
•
Adjustable output voltage range: 0.8V to 5.0V
•
Very fast transient response
•
High PSRR
•
Accurate voltage regulation
•
Current limiting and short circuit protection
•
Thermal shutdown protection
•
Stable with any type output capacitor
≥ 4.7µF
•
Ambient temperature range -40ºC to 85°C
•
SOP-8L-EP: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
The AP7168 is a 1.2A, adjustable output voltage, ultra-low
dropout linear regulator. The device includes pass element, error
amplifier, band-gap reference, current limit and thermal shutdown
circuitry. The device is turned on when EN pin is set to logic high
level. A Power-OK (POK) output is available for power sequence
control.
The characteristics of the low dropout voltage and low quiescent
current make it suitable for low to medium power applications, for
example, laptop computers, audio and video applications, and
battery powered devices. The typical quiescent current is
approximately 125µA.
Built-in current-limit and thermal-shutdown functions prevent
IC from damage in fault conditions. The AP7168 is available in
SOP-8L-EP package.
•
Servers and laptops
•
Smart phone and PDA
•
MP3/MP4
•
Bluetooth headset
•
Low and medium power applications
•
FPGA and DSP core or I/O power
Typical Application Circuit
1µF
IN
GND
EN
OUT
Enable
FB
10µF
VIN
VOUT
POK
100kOhm
R1
R2
AP7168
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
2
1
REF
OUT
R
R
1
V
V
Features
Description
Applications


Similar Part No. - AP7168

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7168 DIODES-AP7168 Datasheet
467Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
AP7168 DIODES-AP7168_10 Datasheet
467Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
More results

Similar Description - AP7168

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN105125 TI-SN105125 Datasheet
201Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
logo
Diodes Incorporated
AP7165 DIODES-AP7165 Datasheet
306Kb / 11P
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7167 DIODES-AP7167 Datasheet
251Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
AP7167 Rev. 2
AP7168 DIODES-AP7168_10 Datasheet
467Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
AP7165 DIODES-AP7165_10 Datasheet
602Kb / 14P
600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
AP7167 DIODES-AP7167_10 Datasheet
494Kb / 14P
1.2A LOW DROPOUT REGULATOR WITH POK
DS31252 Rev. 7 - 2
logo
Micrel Semiconductor
MIC2940A MICREL-MIC2940A_07 Datasheet
329Kb / 11P
1.2A Low-Dropout Voltage Regulator
logo
Texas Instruments
TPPM0125 TI1-TPPM0125 Datasheet
211Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
150-mA LOW DROPOUT REGULATOR WITH POK
logo
Micrel Semiconductor
MIC2941AWT MICREL-MIC2941AWT Datasheet
329Kb / 11P
1.2A Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com