Electronic Components Datasheet Search
  English  ▼

X  

33902 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
33902
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
RX-PR
Description
RXD short to high (recessive level)
Set
In Normal and Listen Only modes, if the RXD permanent recessive condition is detected
Reset
Entering low power mode, the RXD recovery condition reached + P_SPI reading (Listen Only and Normal
mode)
Action
Set the local failure flag, disable the CAN driver, set
ERR low in Listen Only mode coming from Normal
mode
TX-PD
Description
TXD permanent dominant
Set
In NORMAL modes, if TXD permanent dominant condition detected
Reset
Entering low power mode, TXD recovery condition reached + P_SPI reading (Listen Only and Normal
mode)
Action
Set the local failure flag, disable the CAN driver, set
ERR low in Listen Only mode coming from Normal
mode
CANF (2,1,0)
Description
0 0 0: No CAN bus failure
0 0 1:CANL short to GND
0 1 0: CANL short to VDD
0 1 1: CANL short to VBAT
1 0 1: CANH short to GND
1 1 0: CANH short to VDD
1 1 1: CANH short to VSUP
Set
In Normal modes, if CAN failure condition detected
Reset
Entering low power mode, CAN failure recovery condition reached + P_SPI reading (Listen Only and
Normal mode)
Action
Set the bus failure flag, set the
ERR low in Normal mode after 4 Tx pulses
VDD temp
Description
VDD regulator reaches temperature prewarning
Set
In Normal mode or Listen Only mode, if the VDD temperature reaches the prewarning threshold
Reset
Real time report, reset if the temperature falls below the prewarning threshold
Action
By default no action. If the
ERR-EXT bit is set, ERR is set low.
VSOV
Description
VSUP over-voltage detected
Set
In Normal and Listen Only modes, if the VSUP over-voltage threshold condition detected
Reset
Entering low power mode, VSUP over-voltage threshold condition recovered + P_SPI reading (Listen Only
and Normal mode)
Action
By default no action. If the
ERR-EXT bit is set, the ERR is set low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com